Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-S33-R

  • AI
    The **M2REB-S33-R** is a high-performance, industrial-grade Surface Mount Technology (SMT) component, typically categorized as a **Magnetic Rotary Encoder Sensor** or a specialized **Magnetic Angle Sensor IC**. These parts are designed to detect the angular position of a magnet rotating over the chip. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Supply Voltage (Vcc)** | 3.3V to 5.0V DC | | **Resolution** | 10-bit to 12-bit (depending on interface) | | **Output Type** | Analog (Ratiometric) / PWM / SPI | | **Operating Temperature** | -40°C to +125°C (Industrial Grade) | | **Package Type** | SOP-8 or TSSOP-8 (Surface Mount) | | **Magnetic Field Range** | 30mT to 80mT (Typical) | --- ### 2. Internal Architecture The M2REB-S33-R utilizes **Hall Effect technology** integrated into a single CMOS chip. The internal electronic parts consist of: 1. **Hall Element Array:** A circular arrangement of sensors that detect the vertical component of the magnetic field. 2. **Differential Amplifier:** Boosts the weak signals from the Hall elements. 3. **CORDIC Processor:** A digital block that calculates the tangent/arctangent of the sine and cosine signals to determine the absolute angle. 4. **Voltage Regulator:** Ensures stable internal operation despite fluctuations in the input power supply. --- ### 3. Application Circuit Example To integrate this part, a standard decoupling capacitor and a pull-up resistor (if using digital outputs) are required. ```cpp // Example: Basic Logic for Reading SPI Data from Encoder #include const int CS_PIN = 10; void setup() { pinMode(CS_PIN, OUTPUT); SPI.begin(); } int readAngle() { digitalWrite(CS_PIN, LOW); int data = SPI.transfer16(0x00); // Read 16-bit packet digitalWrite(CS_PIN, HIGH); return (data & 0x0FFF); // Masking for 12-bit resolution } ``` --- ### 4. Common Use Cases * **Robotics:** For joint position feedback in servo motors. * **Automotive:** Throttle position sensing and steering angle detection. * **Industrial Automation:** Replacing traditional optical encoders in dusty or oily environments where light-based sensors would fail. * **Human-Machine Interface (HMI):** Digital knobs and rotary switches. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the M2REB-S33-R sensor?
    • ⤷ How does magnetic interference affect the accuracy of this component?
    • ⤷ Can you provide the specific pinout diagram for the SOP-8 package?