Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-S5D-R2

  • AI
    The **M2REB-S5D-R2** is a specialized electronic component, typically categorized as a high-performance **Magnetic Encoder System** or a **Magnetic Resistance (MR) sensor module**, often used in precision motor control and industrial automation. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview This part belongs to a family of sensors designed to detect the rotational position, speed, and direction of a motor shaft by sensing changes in a magnetic field. | Feature | Specification | | :--- | :--- | | **Type** | Magnetic Resistance (MR) Sensor / Encoder | | **Output Signal** | Differential Sine/Cosine (Analog) or Digital Pulse | | **Supply Voltage** | Typically 5V DC (varies by specific integration) | | **Application** | Servo motors, Robotics, CNC Machinery | | **Mounting** | PCB Surface Mount or Modular Housing | --- ### 2. Key Electronic Features #### A. Magnetoresistive (MR) Technology Unlike optical encoders that use light and a disk, the M2REB-S5D-R2 uses the **Magnetoresistive effect**. As a magnetic scale or ring rotates near the sensor, the electrical resistance of the MR element changes. This change is converted into an electrical signal. #### B. Differential Signal Processing The "R2" designation often refers to the revision or specific wiring configuration. These sensors usually provide **Differential Outputs**: * **Sin+ / Sin-** * **Cos+ / Cos-** Using differential pairs reduces electromagnetic interference (EMI) and ensures high signal integrity over longer cable lengths. #### C. High Resolution and Speed Because it relies on magnetic flux rather than physical contact or optical lines, the electronic circuit can operate at high frequencies, allowing for: * High-speed rotation tracking (RPM). * Sub-micron positioning when interpolated via an external MCU or DSP. --- ### 3. Pinout and Connection Logic While exact pinouts depend on the manufacturer (such as Mitsubishi or specialized sensor brands), the electronic interface generally follows this logic: | Pin Category | Description | | :--- | :--- | | **VCC/GND** | Power supply (typically regulated 5V). | | **SIN / COS** | Analog outputs representing the sine and cosine waves. | | **REF / Index** | A reference signal generated once per revolution (Z-phase). | | **Shield** | Connection to ground to prevent noise interference. | --- ### 4. Typical Applications * **Servo Motor Feedback:** Providing real-time position data to a motor drive. * **Industrial Robots:** Managing joint angles with high repeatability. * **Harsh Environments:** Since it is magnetic, it is less susceptible to dust, oil, and moisture compared to optical sensors. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M2REB-S5D-R2?
    • ⤷ How does this magnetic encoder compare to an optical encoder in terms of durability?
    • ⤷ Which motor controllers are most compatible with this specific sensor?