Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-SBC-R2

  • AI
    The **M2REB-SBC-R2** is a specialized Single Board Computer (SBC) designed for industrial automation and edge computing. It is often integrated into systems requiring high reliability and specific communication protocols. --- ### Core Electronic Components The architecture of the M2REB-SBC-R2 is built around a balance of processing power and industrial I/O (Input/Output). Below are the primary electronic parts categorized by function: #### 1. Processing and Logic | Part Type | Description | | :--- | :--- | | **CPU / SoC** | Typically an ARM-based processor optimized for low power consumption and 24/7 operation. | | **FPGA / CPLD** | Many R2 revisions include a logic chip for high-speed signal processing or custom I/O mapping. | | **RAM** | LPDDR3 or LPDDR4 memory modules soldered directly to the board for vibration resistance. | #### 2. Communication Interfaces This board is known for its "REB" (Reliable Expansion Bus) capabilities. * **Ethernet Controllers:** Dual or Triple Gigabit Ethernet ports (often Intel or Realtek industrial grade). * **Serial Ports:** Integrated RS-232/485/422 transceivers for legacy machine communication. * **M.2 Slots:** Support for NVMe storage or wireless modules (Wi-Fi/LTE). #### 3. Power Management * **Voltage Regulators:** DC-to-DC converters designed to handle wide input ranges (e.g., 9V to 36V DC). * **Protection Circuits:** TVS diodes and Polyfuses to protect against over-voltage and short circuits common in industrial environments. --- ### Technical Specifications Summary | Feature | Specification (Typical) | | :--- | :--- | | **Form Factor** | Proprietary / Compact SBC | | **Input Voltage** | 12V - 24V DC | | **Operating Temp** | -20°C to +70°C (Industrial Grade) | | **Storage** | On-board eMMC + M.2 Expansion | --- ### Notable Electronic Design Features 1. **Solid Capacitors:** Unlike consumer boards that use electrolytic capacitors, the M2REB-SBC-R2 utilizes solid-state polymer capacitors to prevent leaking and extend the board's lifespan under high heat. 2. **EMI Shielding:** The PCB layout includes dedicated ground planes and shielding around the timing crystals to minimize electromagnetic interference. 3. **Watchdog Timer (WDT):** A dedicated hardware IC that automatically reboots the system if the software hangs, ensuring high availability. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the M2REB-SBC-R2 expansion headers?
    • ⤷ How does the R2 revision differ from the original M2REB-SBC in terms of hardware?
    • ⤷ Is there a specific SDK or OS recommended for this board's hardware components?