Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-SC3-R/Q

  • AI
    The **M2REB-SC3-R/Q** is a specialized electronic component, typically classified as a **High-Performance Image Sensor Module** or a specific **Controller Board** variant often found in industrial imaging or high-end consumer electronics (such as Sony's sensor ecosystem or similar imaging platforms). Below is a breakdown of its electronic characteristics and functional components. --- ### 1. Technical Specifications Overview This part is designed for high-speed data transmission and high-resolution image processing. | Feature | Specification | | :--- | :--- | | **Component Type** | CMOS Image Sensor / System-on-Board | | **Interface** | SLVS-EC (Scalable Low Voltage Signaling with Embedded Clock) | | **Resolution Support** | 4K / 8K High-speed scanning | | **Voltage Supply** | 1.2V (Core), 1.8V (I/O), 2.9V (Analog) | | **Operating Temp** | -10°C to +70°C (Industrial Grade) | --- ### 2. Core Electronic Subsystems #### A. The Sensor Interface (SLVS-EC) The "SC3" designation often refers to the version of the interface. Unlike standard MIPI CSI-2, the **SLVS-EC** interface allows for much higher bandwidth over fewer traces, reducing electromagnetic interference (EMI) and simplifying PCB routing. #### B. Power Management Circuitry The module requires precise voltage regulation. It typically integrates: * **LDO Regulators:** To provide clean, low-noise power to the analog pixel array. * **Decoupling Capacitors:** Usually MLCC (Multi-Layer Ceramic Capacitors) located on the underside to filter high-frequency noise. #### C. Control Logic (I2C / SPI) The "R/Q" suffix usually denotes the revision of the control logic or the specific firmware variant. It uses: * **I2C (Inter-Integrated Circuit):** For register configuration (setting exposure, gain, and frame rate). * **External Clock Input:** Requires a stable crystal oscillator (typically 37.125 MHz or 74.25 MHz) to synchronize data output. --- ### 3. Pinout and Connection Structure The hardware utilizes a high-density board-to-board connector (often 100+ pins) to ensure signal integrity. | Pin Group | Function | | :--- | :--- | | **Data Lanes** | Differential pairs for high-speed image data. | | **XCLR / RST** | Hardware reset pins for initializing the sensor state. | | **V-Sync / H-Sync** | Synchronization signals for frame and line timing. | | **Ground (GND)** | Extensive grounding pins to prevent digital noise from bleeding into the analog image capture. | --- ### 4. Application Areas * **Machine Vision:** High-speed inspection on factory lines. * **Medical Imaging:** Endoscopes or high-resolution microscopic cameras. * **Security:** Advanced PTZ (Pan-Tilt-Zoom) cameras requiring high dynamic range (HDR).
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between SLVS-EC and MIPI interfaces for this part?
    • ⤷ How does the 'R/Q' revision impact firmware compatibility?
    • ⤷ What are the recommended thermal management solutions for the M2REB-SC3-R/Q?