Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-SCA-R2/UL

  • AI
    The **M2REB-SCA-R2/UL** is a specific electronic component typically associated with industrial control systems, specifically serving as a **Relay Terminal Board**. These boards are used to interface low-power control signals (like those from a PLC) with high-power field devices. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Component Type** | Relay Interface Terminal Board | | **Model Revision** | R2 (Revision 2) | | **Certification** | UL Listed (Underwriters Laboratories) | | **Mounting Type** | DIN Rail or Panel Mount | | **Input Connection** | Multi-pin Header (usually for ribbon cable) | | **Output Connection** | Screw Terminals for field wiring | ### 2. Electronic Architecture The board acts as a bridge between a controller and the load. Its primary electronic parts include: * **Electromechanical Relays:** The core components that perform the switching. They provide galvanic isolation between the control logic and the output load. * **Flyback Diodes (Freewheeling Diodes):** Placed across the relay coils to suppress voltage spikes (back EMF) that occur when the coil is de-energized, protecting the driving circuitry. * **LED Status Indicators:** Most R2 versions include individual LEDs for each channel to visually indicate when a specific relay is energized. * **Resistors:** Used for current limiting for the LED indicators. * **PCB Traces:** High-current traces on the output side to handle the load amperage, and thin signal traces on the input side. ### 3. Key Technical Functions 1. **Signal Conversion:** Converts a low-voltage DC signal (e.g., 24VDC from a PLC) into a contact closure capable of switching higher AC or DC voltages. 2. **Isolation:** Provides electrical separation, ensuring that a short circuit in the field (e.g., a motor fault) does not travel back and destroy the expensive control CPU. 3. **Simplified Wiring:** The "SCA" designation often refers to a specific connector style (like a 20-pin or 40-pin header) that allows a single cable to connect multiple outputs at once, reducing manual wiring errors. ### 4. Typical Applications * **PLC Output Expansion:** Interfacing a PLC's transistor outputs to drive AC solenoids. * **Safety Interlocks:** Using the dry contacts to provide feedback to safety monitoring systems. * **Industrial Automation:** Controlling pumps, fans, and heaters. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per channel for the M2REB-SCA-R2/UL?
    • ⤷ What type of ribbon cable connector is compatible with this board?
    • ⤷ Does this model support Solid State Relays (SSR) or only mechanical relays?