Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2REB-SCB-R

  • AI
    The **M2REB-SCB-R** is a specific electronic component, typically categorized as an **Optical Sub-Assembly (OSA)** or a specialized **Optical Transceiver component**. This part is commonly used in high-speed fiber optic communication systems. Below is a detailed breakdown of its technical specifications and functionality. --- ### 1. General Specifications The part belongs to a family of components designed for **Bidirectional (BIDI)** communication, allowing data to be sent and received over a single strand of fiber. | Feature | Description | | :--- | :--- | | **Component Type** | BIDI Optical Sub-Assembly (BOSA) | | **Connection Type** | SC Connector (Receptacle) | | **Wavelength (TX)** | Usually 1310nm or 1550nm (Standard BIDI) | | **Data Rate Support** | Optimized for 1.25Gbps (Gigabit Ethernet) to 2.5Gbps (GPON) | | **RoHS Compliance** | Yes (Indicated by the '-R' suffix) | --- ### 2. Key Electronic & Mechanical Parts The M2REB-SCB-R is an integrated unit consisting of several sub-components: #### A. The Transmitter (LD) * **Laser Diode:** Usually a Fabry-Pérot (FP) or Distributed Feedback (DFB) laser. * **Function:** Converts electrical data signals into light pulses to be sent through the fiber. #### B. The Receiver (PD-TIA) * **Photodiode (PIN or APD):** Detects incoming light pulses from the fiber. * **Trans-Impedance Amplifier (TIA):** A critical electronic circuit that converts the low-level current from the photodiode into a usable voltage signal for the rest of the system. #### C. Optical Wavelength Splitter (WDM Filter) * Since this is a BIDI (Bidirectional) component, it contains an internal **WDM (Wavelength Division Multiplexing) filter**. * This allows the device to transmit at one wavelength and receive at another simultaneously through the same SC port without interference. #### D. The SC Receptacle * **Housing:** A "Small Form Factor" or standardized SC-type plastic/metal housing. * **Alignment:** Precision internal sleeves to ensure the fiber optic cable aligns perfectly with the laser and photodiode. --- ### 3. Application Use Cases This part is primarily found in: 1. **FTTH (Fiber to the Home):** Used in ONU (Optical Network Unit) devices. 2. **SFP Modules:** As the core optical engine inside a BIDI SFP transceiver. 3. **Media Converters:** Devices that transition from copper Ethernet to single-strand fiber. --- ### 4. Technical Pinout Layout (General) While specific pinouts vary by manufacturer, these components typically feature a **5-pin or 10-pin** interface: * **Vcc:** Power supply for the TIA and Laser. * **LD+ / LD-:** Differential inputs for the Laser Diode. * **PD+ / PD-:** Outputs from the Photodiode. * **GND:** Common Ground. * **Monitor PD:** To feedback the laser intensity for power control.
    ✨ Follow-up Questions
    • ⤷ What is the specific wavelength range for the transmit and receive functions of this part?
    • ⤷ Can this component be used in GPON or EPON network architectures?
    • ⤷ What are the power consumption requirements for the TIA within this assembly?