Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RS-01-R2/N

  • AI
    The **M2RS-01-R2/N** is a specialized electronic component, typically associated with industrial automation and control systems (often part of the M-System or similar signal conditioner/isolator series). Specifically, it is a **Rotary Switch Type Signal Conditioner/Transmitter**. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The device is designed to interface between field sensors and control systems (PLC/DCS), providing signal conversion and galvanic isolation. | Feature | Description | | :--- | :--- | | **Model Type** | M2RS Series (Plug-in Signal Conditioner) | | **Input Type** | Potentiometer / Resistance Manual Adjuster | | **Output Type** | Standard DC Signal (Current or Voltage) | | **Power Input** | 100 – 240V AC or 24V DC (Model dependent) | | **Mounting** | DIN Rail or Surface Mount | --- ### 2. Key Electronic Components & Functions The internal circuitry consists of several critical stages to ensure signal integrity: * **Input Stage (Potentiometer Interface):** This part of the circuit provides a constant voltage/current to a remote potentiometer. It measures the wiper position as a ratio of resistance. * **Isolation Barrier:** Uses an **Optical Isolator** or **Transformer-based isolation**. This protects the control system from high-voltage surges on the field side (usually up to 2000V AC). * **Signal Conversion (A/D & D/A):** High-precision operational amplifiers and converters transform the mechanical position of the rotary switch/potentiometer into a linear electrical signal. * **Output Driver:** A robust output stage that can drive loads (e.g., 4-20mA into a 550Ω load or 0-10V DC). --- ### 3. Technical Parameters The following table summarizes the typical electronic performance of the R2/N variant: | Parameter | Specification | | :--- | :--- | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Insulation Resistance** | 100 MΩ or more (at 500V DC) | | **Isolation Strength** | Input to Output to Power (2000V AC for 1 minute) | | **Temperature Coefficient** | ±0.015% per °C | --- ### 4. Application Logic The **"R2"** in the part number often indicates the power supply requirements (e.g., 100-240V AC), while the **"/N"** suffix can denote specific terminal types or a "No Option" standard configuration. **Electronic Wiring Diagram (Simplified):** ```text [ Potentiometer ] ----> [ Input Terminals ] | [ Optical Isolation ] | [ Output Signal ] <---- [ Output Driver ] (4-20mA/0-10V) ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the M2RS-01-R2/N?
    • ⤷ Can the output signal type be changed via internal jumpers?
    • ⤷ What is the difference between the R2 and the R power supply options?