Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RS-3F-R

  • AI
    The **M2RS-3F-R** is a specific model of an **Industrial Power Relay**, typically manufactured by brands like **Finder** or associated with **IDEC** interface components. It is designed to act as an electrically operated switch used to control a high-power circuit with a low-power signal. --- ### 1. Key Technical Specifications The "M2RS" series generally refers to plug-in miniature relays used in automation. Below are the typical electronic characteristics for this part: | Feature | Specification | | :--- | :--- | | **Relay Type** | Electromechanical / Interface Relay | | **Contact Configuration** | 3PDT (3 Form C) - 3 Changeover contacts | | **Coil Voltage** | Usually 24V DC or 230V AC (Model specific) | | **Current Rating** | 10A per contact (General purpose) | | **Mounting** | Plug-in (compatible with DIN rail sockets) | | **Indicator** | LED indicator and Mechanical flag | --- ### 2. Breakdown of Components The M2RS-3F-R consists of several internal electronic and mechanical parts: #### A. The Electromagnetic Coil * **Function:** When energized, it creates a magnetic field that pulls the armature. * **Protection:** Often includes a suppression diode (DC models) or a varistor (AC models) to prevent back-EMF spikes that could damage driving transistors. #### B. Contact System (3PDT) * **3 Poles:** It can control three independent circuits simultaneously. * **Double Throw (DT):** Each pole has a **Common (COM)**, **Normally Open (NO)**, and **Normally Closed (NC)** terminal. * **Material:** Usually Silver Nickel (AgNi) for high conductivity and resistance to arcing. #### C. Manual Override & Indicators * **The "-R" Suffix:** Usually denotes a **Lockable Test Button**. This allows technicians to manually force the relay "ON" for circuit testing without needing an input signal. * **Mechanical Flag:** An orange or red plastic tab that moves to show the relay is physically engaged. * **LED:** A built-in LED that lights up when the coil is receiving power. --- ### 3. Connection Pinout Logic Most M2RS-3F models follow a standard 11-pin circular (octal) or blade-style layout: ```text Pin 2 & 10: Coil Power Supply Pin 1, 3, 4: Set 1 (COM, NO, NC) Pin 11, 9, 8: Set 2 (COM, NO, NC) Pin 6, 7, 5: Set 3 (COM, NO, NC) ``` --- ### 4. Application Use Cases 1. **Isolation:** Separating a sensitive PLC (Programmable Logic Controller) output from a high-voltage motor. 2. **Logic Multiplication:** Using one signal to turn on three different devices (e.g., a motor, a fan, and a status lamp). 3. **Signal Inversion:** Using the Normally Closed contact to turn something OFF when power is applied to the coil.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage for your specific M2RS-3F-R unit?
    • ⤷ Do you need the wiring diagram for the matching DIN rail socket?
    • ⤷ Are you replacing an existing relay or designing a new control panel?