Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RS-3F-R/UL

  • AI
    The **M2RS-3F-R/UL** is a high-performance industrial power relay manufactured by **METZ CONNECT**. It is primarily used for switching loads in automation, building management systems, and control panels. Below is a detailed breakdown of its electronic and physical components. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Type** | Pluggable Industrial Relay | | **Mounting** | Socket / DIN Rail (with base) | | **Contact Configuration** | 3 Changeover (3PDT/3C/O) | | **Approvals** | UL (Underwriters Laboratories) listed, CE | | **Key Function** | Isolation and switching of high currents via low-power signals | --- ### 2. Internal Electronic Components & Construction #### A. The Coil (Input Side) The coil is the electromagnet that actuates the switching mechanism. * **Operating Voltage:** Typically available in various AC or DC versions (check specific suffix, but standard is often 24V DC or 230V AC). * **Power Consumption:** Designed for low power consumption to reduce heat within the control cabinet. * **Protection:** Often includes an internal LED to indicate switching status and a recovery diode (in DC models) to protect against back-EMF. #### B. The Contacts (Output Side) The M2RS-3F-R/UL features **three sets** of changeover contacts. * **Material:** Usually Silver Nickel (AgNi) or Silver Tin Oxide (AgSnO2) for high conductivity and resistance to welding. * **Switching Capacity:** * **Max Voltage:** 250V AC. * **Max Current:** Typically rated for 10A per contact. * **Mechanical Life:** Capable of millions of switching cycles under no-load conditions. #### C. Manual Override & Indicators * **Test Button:** Most models in this series include a manual test lever or button to force the contacts closed for troubleshooting. * **Mechanical Flag:** A physical orange or green flag indicates whether the relay is energized. --- ### 3. Connection Pinout The relay uses a standard circular or blade-type pin layout (often 11-pin for 3PDT models). | Pin Type | Description | | :--- | :--- | | **A1 / A2** | Coil Power Supply | | **11, 21, 31** | Common (COM) Terminals | | **12, 22, 32** | Normally Closed (NC) Terminals | | **14, 24, 34** | Normally Open (NO) Terminals | --- ### 4. Key Application Areas 1. **Motor Control:** Switching small single-phase motors. 2. **Signal Doubling:** Taking one PLC output and controlling three separate circuits. 3. **Safety Isolation:** Separating high-voltage power circuits from sensitive logic controllers. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific coil voltage options available for the M2RS series?
    • ⤷ What is the recommended socket/base for mounting this relay on a DIN rail?
    • ⤷ Does this model include an integrated RC circuit for arc suppression?