Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RS-41-R/N

  • AI
    The **M2RS-41-R/N** is a specific model within a series of industrial magnetic proximity sensors (often associated with brands like **Mageut** or similar industrial component manufacturers). These sensors are primarily used for non-contact position detection in automation. --- ### 1. Technical Specifications The part number typically breaks down into the following electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Sensor Type** | Magnetic Proximity | Operates via magnetic field detection. | | **Output Type** | NPN / NO | Normally Open (NO) with NPN transistor output. | | **Operating Voltage** | 5V - 240V DC/AC | Wide range depending on the specific internal reed or Hall circuit. | | **Switching Current** | ~100mA Max | Suitable for signaling PLC inputs or small relays. | | **Response Time** | < 1ms | High-speed electronic switching. | | **Indicator** | Red LED | Integrated visual status indicator. | --- ### 2. Core Electronic Components The internal architecture of the M2RS-41-R/N usually consists of three main stages: #### A. Sensing Element The device contains either a **Reed Switch** (mechanical leaves that close in a magnetic field) or a **Hall Effect Sensor** (semiconductor that changes voltage). Given the "R" in the part number, it often refers to a **Reed** type, which allows for both AC and DC operation. #### B. Protection Circuit To prevent damage from back-EMF (electromotive force) when switching inductive loads like relay coils, it often includes: * **Zener Diode:** For voltage clamping. * **Varistor:** For surge protection (in AC models). #### C. Interface & LED The **LED** is wired in series with a current-limiting resistor. In an NPN configuration: * The load is connected between the positive supply and the signal wire. * When the magnet is present, the sensor pulls the signal wire to **Ground (0V)**. --- ### 3. Wiring Configuration The device generally follows the standard industrial color coding: | Wire Color | Function | Connection | | :--- | :--- | :--- | | **Brown** | VCC (+) | Positive Power Supply | | **Blue** | GND (-) | Negative Power Supply / Common | | **Black** | Output (Out) | Signal to PLC or Load | --- ### 4. Application Use-Cases * **Pneumatic Cylinders:** Mounted on the cylinder wall to detect the internal magnetic piston's position. * **Safety Interlocks:** Ensuring a gate or guard is closed before a machine starts. * **Limit Switching:** Detecting the end-of-travel for linear actuators.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NPN and PNP versions of this sensor?
    • ⤷ How do I test this sensor using a multimeter?
    • ⤷ What is the maximum sensing distance for the M2RS-41 series?