Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RS-4F-R/N

  • AI
    The **M2RS-4F-R/N** is a specific model within a series of industrial **Power Relays** (often associated with brands like M-System or similar industrial control manufacturers). These components are designed for high-reliability switching in automation systems. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Type** | Miniature Power Relay / Plug-in Relay | | **Contact Configuration** | 4PDT (4 Form C) - 4 Changeover contacts | | **Contact Rating** | 250V AC / 30V DC @ 3A to 5A (typical) | | **Mounting** | Plug-in (Socket mount) or PCB mount | | **Indicator** | LED Indicator (standard in "N" or "R" variants) | | **Protection** | Built-in Diode or CR Circuit (depending on suffix) | --- ### 2. Breakdown of the Model Suffixes The letters in the part number indicate specific electronic features integrated into the relay housing: * **-4F**: This denotes the contact arrangement. "4" signifies four poles, and "F" generally refers to the physical frame size or the "Form C" (Double Throw) contact style. * **-R**: This usually indicates a **Built-in Surge Suppression** circuit, typically a Resistor-Capacitor (RC) network or a varistor, used to protect the coil and surrounding electronics from back-EMF. * **-N**: This indicates a **LED Indicator**. When the coil is energized, the LED lights up, allowing technicians to verify the state of the relay visually without using a multimeter. --- ### 3. Internal Components & Operation The relay consists of several critical electronic and mechanical parts: 1. **Electromagnetic Coil**: The input component. When a control voltage (e.g., 24VDC or 120VAC) is applied, it creates a magnetic field. 2. **Armature**: A moving lever attracted by the magnetic field, which mechanically toggles the contacts. 3. **Contacts (4PDT)**: Since this is a 4-pole device, it can control four independent circuits simultaneously. These are usually made of silver alloys (AgNi or AgSnO2) for conductivity and arc resistance. 4. **Damping Element (-R)**: An internal diode or RC circuit that clamps the high-voltage spike generated when the coil is de-energized, preventing damage to the PLC or transistor driving the relay. --- ### 4. Typical Applications * **PLC Output Buffering**: Protecting PLC outputs from high-current loads. * **Signal Multiplication**: Taking one input signal and switching four different circuits. * **Interlock Systems**: Creating safety logic in industrial control panels. ---
    ✨ Follow-up Questions
    • ⤷ What is the standard coil voltage for the M2RS-4F-R/N series?
    • ⤷ Can this relay be mounted directly to a DIN rail without a socket?
    • ⤷ What is the difference between the -R and -S suffixes in this relay line?