Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RS-CD-R/Q

  • AI
    The **M2RS-CD-R/Q** is a specific model within a series of industrial **Signal Conditioners / Signal Isolators**, typically manufactured by companies like **M-System**. These devices are crucial in industrial automation for converting, isolating, and transmitting analog signals between field sensors and control systems (PLCs/DCS). ### 1. Model Breakdown The alphanumeric code represents specific configurations for the device: | Segment | Meaning | Description | | :--- | :--- | :--- | | **M2RS** | Series Name | Mini-M series (Plug-in type) signal conditioner. | | **CD** | Input/Output Type | Typically denotes **DC Input** (C) and **DC Output** (D). | | **R** | Power Input | Indicates **24V DC** power supply. | | **Q** | Special Option | Often indicates "Conformal Coating" or a specific "Custom Requirement." | --- ### 2. Key Electronic Components & Functions The internal circuitry of the M2RS-CD-R/Q is designed for precision and protection. Here are the primary electronic sections: #### A. Galvanic Isolation (3-Way) This is the core feature. The device provides isolation between: 1. **Input** (Sensor side) 2. **Output** (Controller side) 3. **Power** (Supply side) * **Electronic Part:** Photocuplers (Optical) or Transformers (Inductive) are used to bridge signals without physical electrical contact, preventing ground loops. #### B. Input Conditioning Circuit * **Precision Resistors:** Used to drop voltage or sense current with high accuracy. * **Operational Amplifiers (Op-Amps):** Low-drift amplifiers ensure the weak input signal is stabilized before processing. #### C. Power Management * **DC-DC Converter:** Converts the 24V DC input into isolated voltages required for the internal logic and the output stage. * **Protection:** Includes Zener diodes or MOVs (Metal Oxide Varistors) for surge protection. #### D. Output Driver * **Transistors/FETs:** Used to drive the 4-20mA or 0-10V signal across the output load. --- ### 3. Technical Specifications Common electrical characteristics for this type of module: | Feature | Specification | | :--- | :--- | | **Input Signal** | 4–20 mA DC, 0–10V DC, etc. (Factory set) | | **Output Signal** | 4–20 mA DC, 1–5V DC, etc. (Factory set) | | **Supply Voltage** | 24V DC (±10%) | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (standard) | | **Dielectric Strength** | 2000V AC @ 1 minute | --- ### 4. Application Context In an industrial environment, the M2RS-CD-R/Q is used to: * **Eliminate Ground Loops:** If a sensor and a PLC are grounded at different potentials, the isolator prevents current from flowing through the ground, which would distort the signal. * **Signal Conversion:** Converting a 0-10V signal from a pressure sensor into a 4-20mA signal for long-distance transmission. * **Equipment Protection:** Acts as a sacrificial barrier; if a high-voltage surge hits the field sensor, the isolator fails but protects the expensive PLC. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and M power options in the M2RS series?
    • ⤷ How do I calibrate the zero and span settings on this module?
    • ⤷ Does the 'Q' option affect the electrical wiring of the device?