Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RS-CF-R2/UL

  • AI
    The **M2RS-CF-R2/UL** is a specific model within the **M2RS Series** of plug-in power relays manufactured by **IDEC**. This component is designed for industrial control applications, offering high reliability in a compact form factor. --- ### 1. Technical Specifications The following table highlights the core electronic and mechanical parameters of the M2RS-CF-R2/UL: | Feature | Specification | | :--- | :--- | | **Contact Configuration** | DPDT (2 Form C) | | **Rated Load (Resistive)** | 10A @ 250V AC / 30V DC | | **Coil Voltage Options** | Typically 24V DC or 100/110V AC (model dependent) | | **Mechanical Life** | 20,000,000 operations (minimum) | | **Electrical Life** | 100,000 operations (at rated load) | | **Mounting Type** | Plug-in (compatible with DIN rail or PCB sockets) | | **Safety Certifications** | UL Recognized, CSA, TUV, CE | --- ### 2. Part Number Breakdown Understanding the suffix codes helps identify the specific electronic features included in this unit: * **M2RS**: The series name (Miniature Power Relay). * **-C**: Indicates the presence of a **Check Button**. This allows manual operation of the contacts for circuit testing without energizing the coil. * **-F**: Indicates the **Standard Terminal** arrangement (Blade type). * **-R2**: Specifies the **LED Indicator** type. This provides a visual confirmation of the coil status (lit when energized). * **-UL**: Denotes that the part is manufactured to **UL (Underwriters Laboratories)** safety standards for North American markets. --- ### 3. Key Electronic Components & Features #### Internal Protection Most R2 variants include a **suppression diode** (for DC models) or an **RC circuit** (for AC models) to protect sensitive PLC outputs from "flyback" or inductive voltage spikes when the relay coil is de-energized. #### Contact Material The contacts are typically made of a **Silver Alloy**, which ensures low contact resistance and minimizes oxidation over time, maintaining electrical conductivity under high-cycle environments. #### Manual Override (Check Button) The "C" suffix provides a physical button. When pressed, it mechanically closes the NO (Normally Open) contacts, allowing technicians to verify downstream wiring without needing to trigger the control system. --- ### 4. Application Logic In a control circuit, the M2RS-CF-R2/UL acts as an isolation barrier: 1. **Input:** A low-power signal (e.g., from a PLC) energizes the electromagnetic coil. 2. **Output:** The magnetic field pulls the armature, switching high-power loads (e.g., motors, heaters, or solenoids) via the 10A rated contacts.
    ✨ Follow-up Questions
    • ⤷ What are the compatible socket models for the M2RS series?
    • ⤷ Does this model include a surge suppression diode for DC coils?
    • ⤷ How does the check button differ from a latching lever in this series?