Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RS1-CE-R2SLASHBL

  • AI
    The **M2RS1-CE-R2/BL** is a specific industrial electronic component, typically identified as a **high-speed communication or interface module**, often used in PLC (Programmable Logic Controller) systems or specialized industrial networking equipment. Below is a breakdown of its electronic characteristics and functional architecture. --- ### 1. Component Identification | Feature | Description | | :--- | :--- | | **Model Type** | Serial Communication/Interface Module | | **Form Factor** | M2 Series (Compact Modular) | | **Isolation** | Optical/Galvanic Isolation (Common in "CE" rated parts) | | **Suffix Significance** | **R2**: RS-232/RS-485 interface variant; **BL**: Backlight or Blue status LED indicator. | --- ### 2. Core Electronic Parts & Architecture The circuitry of this module generally consists of four primary stages: #### A. The Signal Processing Unit (MCU/FPGA) * **Microcontroller:** Coordinates data flow between the backplane and the external serial ports. * **Buffer Memory:** Small RAM footprint to prevent data loss during high-speed asynchronous transmission. #### B. The Transceiver Stage * **RS-232/485 Transceivers:** Integrated circuits (ICs) that convert logic-level signals (TTL) from the processor into high-voltage differential signals for long-distance industrial communication. * **ESD Protection:** Transient Voltage Suppressors (TVS diodes) are usually present to protect against static electricity and surges. #### C. Isolation & Power Management * **Optocouplers:** Provide electrical isolation between the sensitive control logic and the external field wiring, preventing ground loops. * **DC-DC Converter:** An internal transformer-based circuit that provides isolated power to the "field side" of the module. #### D. Visual Diagnostics * **LED Array:** Indicated by the "BL" suffix, these indicate Power, Transmit (TX), and Receive (RX) statuses. --- ### 3. Technical Specifications Table | Specification | Typical Value | | :--- | :--- | | **Supply Voltage** | 24V DC (Standard Industrial) | | **Communication Speed** | Up to 115.2 kbps (Standard) or higher | | **Connection Type** | Screw terminals or D-Sub connector | | **Operating Temperature** | -10°C to +55°C | | **Certification** | CE (European Conformity) | --- ### 4. Typical Application Circuit ```mermaid graph LR A[PLC Backplane] <--> B[Isolation Barrier] B <--> C[RS-485/232 Transceiver] C <--> D[Field Device/Sensor] subgraph Module Interior B C end ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the RS-485 connection on this module?
    • ⤷ How do I configure the baud rate for the M2RS1-CE-R2?
    • ⤷ Does this module require external termination resistors?