Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RT-00-R/BL

  • AI
    The **M2RT-00-R/BL** is a high-performance **Industrial Joystick/Toggle Switch** typically manufactured by companies like **Rafi** or specialized industrial control suppliers. It is designed for heavy-duty applications requiring precise directional input. --- ### 1. Technical Specifications The following table outlines the primary electronic and physical characteristics of the M2RT-00-R/BL: | Feature | Specification | | :--- | :--- | | **Type** | 2-Way (Bi-directional) Momentary Switch | | **Mounting Diameter** | 22.3 mm (Standard Industrial) | | **Contact Blocks** | Often modular (requires separate contact elements) | | **Actuator Style** | Joystick / Toggle Lever | | **Operating Voltage** | Up to 250V AC/DC (depending on contact block) | | **Ingress Protection** | IP65 (Front side) | | **Color/Code** | R/BL (Red/Black or specific manufacturer coding) | --- ### 2. Key Electronic Components #### A. Contact Mechanism The "M2RT" series is generally a **modular** design. The actuator (the stick) does not have the electrical circuit built-in; instead, it pushes against **Contact Blocks** mounted behind the panel. * **Momentary Action:** The switch returns to the center (neutral) position once released. * **Directional Logic:** It operates in two directions (e.g., Up/Down or Left/Right), closing specific circuits for each vector. #### B. Sealing and Durability * **Bellows/Gasket:** The electronic internals are protected by a rubber bellows, preventing dust and moisture from interfering with the electrical contacts. * **Mechanical Life:** Designed for >500,000 cycles, making it suitable for high-frequency use in automation. --- ### 3. Common Applications This part is frequently found in the following electronic control systems: 1. **Crane/Hoist Controls:** For precise directional movement. 2. **HMI Panels:** Human-Machine Interfaces in factory automation. 3. **Mobile Hydraulics:** Controlling valves in construction machinery. 4. **Medical Equipment:** Operating motorized beds or imaging tables. --- ### 4. Wiring Overview When integrating this part into a circuit, the wiring depends on the **Contact Blocks** used (e.g., NO - Normally Open, or NC - Normally Closed): ```cpp // Logic Example for a Microcontroller Interface if (Joystick_Up == HIGH) { motor_forward(); } else if (Joystick_Down == HIGH) { motor_reverse(); } else { stop_all(); } ```
    ✨ Follow-up Questions
    • ⤷ What are the compatible contact block model numbers for this joystick?
    • ⤷ How do I install the rubber bellows to ensure an IP65 rating?
    • ⤷ Can this switch be configured for maintained (latched) action instead of momentary?