Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RT-13-R/CE

  • AI
    The **M2RT-13-R/CE** is a specific industrial control component, typically identified as a **Safety Relay or Monitoring Module** (often associated with brands like ComatReleco or similar European industrial standards). These devices are designed to monitor safety circuits and ensure that machinery enters a safe state in the event of a fault. --- ### Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Component Type** | Safety Monitoring Relay | | **Supply Voltage** | 24V AC/DC (Standard for R/CE series) | | **Mounting** | DIN Rail (35mm) | | **Contact Configuration** | Typically 2 NO (Normally Open) + 1 NC (Normally Closed) | | **Response Time** | < 20ms | | **Safety Category** | Up to SIL 3 / PLe (Depending on wiring) | --- ### Key Electronic Components & Functions The internal circuitry of an M2RT unit consists of several critical stages: #### 1. Input Monitoring Circuit This section monitors external devices such as Emergency Stop buttons, Light Curtains, or Safety Switches. * **Redundancy:** It uses dual-channel inputs to ensure that if one wire fails or shorts, the system still detects the stop command. * **Cross-monitoring:** The electronics check for short circuits between the two input channels. #### 2. Logic & Processing Unit Unlike a standard relay, the M2RT uses a "force-guided" relay mechanism or a solid-state logic controller. * **Self-Checking:** Upon power-up and during operation, the device performs a self-test. If an internal component (like a transistor or capacitor) fails, the device defaults to a "tripped" (safe) state. * **Feedback Loop:** It features a feedback circuit (Reset/EDM) to ensure external contactors have actually opened before the system can be restarted. #### 3. Output Stage (Force-Guided Relays) The physical switching is handled by **Force-Guided Relays** (also known as Positive-Guided contacts). * **Mechanical Linkage:** The NO and NC contacts are mechanically linked. If a NO contact welds shut, the NC contact cannot close. This prevents the safety logic from being fooled into thinking the system is safe when it is not. --- ### Wiring Terminology When looking at the terminals of the M2RT-13-R/CE, you will typically find: * **A1 / A2:** Power supply inputs. * **S11 / S12 & S21 / S22:** Dual-channel safety inputs. * **13-14 / 23-24:** Safety output paths (NO). * **31-32:** Auxiliary signaling contact (NC). --- ### Applications * **E-Stop Monitoring:** Ensuring a machine stops instantly when a button is pressed. * **Gate Interlocks:** Preventing a machine from starting if a safety door is open. * **Safety Mats:** Detecting pressure on industrial floor sensors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a safety relay and a standard power relay?
    • ⤷ How do you wire a dual-channel emergency stop to this module?
    • ⤷ What does the 'CE' suffix indicate regarding industrial compliance?