Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RT-15-R/CE

  • AI
    ### Overview of the M2RT-15-R/CE The **M2RT-15-R/CE** is a specialized electronic component, specifically a **Multi-Function Electronic Timing Relay**. Manufactured by companies like **Carlo Gavazzi** (part of the M-series/Mini-D range), it is designed for DIN-rail mounting in automation and control panels. --- ### Technical Specifications Below are the primary electronic characteristics and physical attributes of the device: | Feature | Specification | | :--- | :--- | | **Type** | Multi-function Delay Relay | | **Supply Voltage** | 24VDC or 24 to 240VAC (Universal) | | **Contact Configuration** | SPDT (1 Changeover contact) | | **Current Rating** | 8A or 5A (Load dependent) | | **Time Range** | 0.1 seconds to 100 hours | | **Mounting Type** | DIN Rail (17.5mm wide) | | **Housing Material** | Self-extinguishing plastic | | **Approvals** | CE, UL, CSA | --- ### Functional Electronics The "Multi-Function" nature of the M2RT-15-R/CE means the internal circuitry can be configured via front-facing rotary switches to perform different timing logic: 1. **Delay on Operate (Op):** The relay waits for a set time after power is applied before switching the contact. 2. **Delay on Release (In):** The relay switches immediately upon power but delays returning to the original state after power/trigger is removed. 3. **Symmetrical Recycler (ID):** The relay pulses ON and OFF at equal set intervals. 4. **One Shot (On):** The relay triggers a single pulse of a specific duration regardless of the input signal length. ### Component Layout * **Knobs/Potentiometers:** Located on the front face for selecting the time scale and the specific timing function. * **LED Indicators:** * **Green LED:** Indicates the presence of power supply. * **Yellow LED:** Indicates the status of the output relay (Active/Inactive). * **Internal Relay:** An electromechanical relay that provides galvanic isolation between the control circuit and the load. --- ### Installation Considerations * **Wiring:** Always ensure the input voltage matches the terminals (usually A1 and A2). * **Environment:** Designed for industrial environments with an IP20 protection rating (finger-safe terminals). * **Output Protection:** It is recommended to use external fuses to protect the internal 8A contacts from overcurrent.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the 'Delay on Operate' function?
    • ⤷ What is the maximum power consumption of the device during operation?
    • ⤷ Can this relay be used to control high-inductive motor loads directly?