Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RT-1D-R/K

  • AI
    The **M2RT-1D-R/K** is a high-performance **Remote I/O Module** (specifically a Transducer/Interface unit) manufactured by **M-System**. It is designed to interface analog signals with digital networks or serve as a signal conditioner in industrial automation. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications The "M2RT" series is known for its compact, plug-in construction and high isolation capabilities. | Feature | Specification | | :--- | :--- | | **Model Series** | M2RT (Mini-M Series) | | **Input Type** | RTD (Resistance Temperature Detector) | | **Output Type** | Relay Contact / Digital Pulse | | **Power Input (R)** | 24V DC | | **Configuration (K)** | Multi-Transmission / Specific Protocol Interface | | **Mounting** | DIN Rail or Surface Mount | --- ### 2. Key Electronic Components & Functions #### A. Input Section (RTD Interface) The unit is designed to accept signals from RTD sensors (commonly Pt100). * **Excitation Current:** The internal circuitry provides a small, constant current to the RTD to measure resistance without causing self-heating. * **Leadwire Compensation:** Features 3-wire compensation to eliminate errors caused by the resistance of the wires connecting the sensor to the module. #### B. Isolation Circuitry One of the most critical electronic aspects of the M2RT is its **Three-way Isolation**: * **Input to Output to Power:** Prevents ground loops and protects sensitive control equipment (like a PLC) from high-voltage surges on the field side. * **Dielectric Strength:** Typically rated for 2000V AC for 1 minute. #### C. Signal Processing * **A/D Converter:** Converts the analog resistance value into a digital signal for internal processing. * **Linearization:** The internal microprocessor applies mathematical linearization to the RTD curve to ensure the output is proportional to the actual temperature. #### D. Output Section (The "1D" Designation) * **Relay Contact:** The "1D" typically signifies a specific contact output configuration (often a SPDT or specialized pulse output). * **Switching Capacity:** Designed for low-power signaling rather than driving heavy motor loads. --- ### 3. Electronic Identification (Suffix Breakdown) | Suffix | Meaning | Description | | :--- | :--- | :--- | | **M2RT** | Base Model | RTD Transmitter / Remote I/O | | **1D** | Output Spec | Specific Relay or Digital output configuration | | **R** | Power Supply | 24V DC (Standard for industrial control panels) | | **K** | Special Spec | Often denotes a specific communication mapping or non-standard range | --- ### 4. Technical Summary * **Accuracy:** Typically ±0.1% or ±0.2% of span. * **Response Time:** Usually ≤ 0.5 seconds (standard for temperature monitoring). * **Housing Material:** Flame-resistant resin (UL94V-0). ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the RTD input on the M2RT-1D-R/K?
    • ⤷ Can this module be used with thermocouples instead of RTDs?
    • ⤷ What is the maximum distance for the digital output transmission?