Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RT-1F-R/N

  • AI
    The **M2RT-1F-R/N** is a specialized electronic component, typically categorized as a **Terminal Relay** or an **Interface Relay Module** (often manufactured by companies like OMRON or similar industrial automation brands). These units are designed to bridge the gap between low-power control signals (like a PLC output) and high-power field devices. --- ## 1. Technical Specifications Below are the general electronic characteristics associated with this specific model type: | Feature | Specification | | :--- | :--- | | **Component Type** | Terminal Relay (Relay Board) | | **Configuration** | 1-Channel (1-Point) Output | | **Contact Form** | SPDT (Single Pole Double Throw) / 1c | | **Coil Voltage** | Usually 24V DC (Standard for "R/N" series) | | **Switching Capacity** | 5A to 10A (Depending on the specific relay mounted) | | **Mounting** | DIN Rail Mounting | | **Terminal Type** | Screw terminals for secure wiring | --- ## 2. Key Electronic Parts & Design The "M2RT" series consists of several critical sub-components that work together: ### A. The Electromagnetic Relay The core of the unit is the replaceable plug-in relay. It uses an internal coil to create a magnetic field, which moves a mechanical contact to open or close a high-voltage circuit. ### B. Protection Circuitry (The "R/N" Designation) * **Surge Suppression:** These modules typically include a **Diode** or a **Varistor** connected across the coil to protect the driving controller (like a PLC) from "back EMF" (voltage spikes) when the relay is turned off. * **LED Indicator:** A built-in LED (often green or red) provides visual confirmation when the coil is energized, aiding in troubleshooting. ### C. PCB (Printed Circuit Board) The module acts as a carrier. The PCB traces are designed to handle high current on the output side while maintaining electrical isolation from the input side. --- ## 3. Wiring Configuration The M2RT-1F-R/N generally utilizes the following terminal layout: ```text Input Side (Control): [ + ] 24V DC Signal from Controller [ - ] Common/Ground Output Side (Load): [COM] Common Terminal [NO] Normally Open (Closes when powered) [NC] Normally Closed (Opens when powered) ``` --- ## 4. Application Use-Cases * **Isolation:** Protecting sensitive PLC/Microcontroller circuits from high-voltage AC loads. * **Current Amplification:** Using a small 20mA signal to switch a 5A motor or heater. * **Maintenance:** Since the relay is a "plug-in" type, the electronic part can be replaced without disconnecting any wires from the terminal block.
    ✨ Follow-up Questions
    • ⤷ What is the specific surge protection type used in the R/N suffix?
    • ⤷ Can the relay in the M2RT-1F-R/N be replaced with a solid-state equivalent?
    • ⤷ What is the maximum switching frequency for this terminal relay?