Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RT-31-R/K

  • AI
    The **M2RT-31-R/K** is a high-performance, industrial-grade **Solid State Relay (SSR)** typically manufactured by companies like **MGR** or specialized electronic component distributors. It is designed for switching AC loads with high reliability and longevity compared to traditional mechanical relays. --- ### ## Technical Specifications Below is a breakdown of the primary electronic characteristics for the M2RT series: | Parameter | Specification | | :--- | :--- | | **Input (Control) Voltage** | 3 - 32 VDC (Typical for 'R' types) | | **Output (Load) Voltage** | 24 - 480 VAC | | **Rated Current** | 31 Amps (Thermal management required) | | **Switching Type** | Zero Cross Switching | | **Isolation Voltage** | ≥ 2500 VAC | | **Status Indicator** | Integrated LED | --- ### ## Component Analysis The part number suffix **"R/K"** provides specific details regarding its internal electronics and mounting: #### 1. Zero-Cross Switching (The "R" Logic) The "R" often denotes a **Zero-Cross** turn-on function. * **Electronic Function:** The device waits for the AC sine wave to pass through zero volts before switching on. * **Benefit:** This minimizes electromagnetic interference (EMI) and reduces current surges, protecting sensitive downstream components. #### 2. Thermal Management ("K" or Housing Style) The "K" often refers to the **Heat Sink interface** or the specific terminal layout. * Because SSRs generate heat (roughly 1.2 to 1.5 Watts per Amp), this part is designed to be mounted on a metal surface or heat sink. * **Internal Component:** It uses a TRIAC or Dual Thyristors (SCRs) back-to-back to handle the high AC load. --- ### ## Connection Diagram The device features four primary terminals, usually labeled as follows: | Terminal | Function | Description | | :--- | :--- | :--- | | **1 & 2** | **Load Side** | Connected in series with the AC power source and the device (e.g., Heater, Motor). | | **3 & 4** | **Control Side** | Connected to a PLC, Microcontroller, or switch (DC voltage). | --- ### ## Typical Applications * **Industrial Heating:** Controlling PID temperature loops in plastic extruders or ovens. * **Motor Control:** Small AC motors where frequent switching would wear out mechanical contacts. * **Lighting Systems:** Large-scale architectural or stage lighting arrays.
    ✨ Follow-up Questions
    • ⤷ What is the maximum heat sink temperature recommended for the M2RT-31-R/K?
    • ⤷ Can this relay be used to control a 110VAC load
    • ⤷ or is it strictly for 240V+?
    • ⤷ What is the difference between Zero-Cross and Random-Fire switching in this model?