Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RT-32-R2

  • AI
    The **M2RT-32-R2** is a high-density, rail-mounted interface module, typically associated with industrial automation systems (specifically often used in **Mitsubishi Electric** or compatible PLC environments). It serves as a bridge between high-density PLC I/O connectors and discrete field wiring. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Relay Terminal Block / Interface Module | | **Number of Points** | 32 Channels | | **Mounting Type** | DIN Rail (35mm) | | **Connector Type** | MIL-C-83503 (40-pin) Header | | **Terminal Type** | Screw Terminals (M3 or M3.5) | | **Voltage Rating** | Typically 24V DC (Coil side) | --- ### 2. Major Electronic Components & Layout The module is composed of several critical layers to ensure signal integrity and protection between the controller and the field devices. #### A. Input Interface (High-Density Side) * **40-Pin Header:** This is the entry point for the PLC. It uses a flat ribbon cable or a round multicore cable to transmit 32 signals plus common/ground lines simultaneously. * **Polarization Key:** Ensures the cable cannot be plugged in backwards, protecting the internal logic. #### B. Switching Elements (Relays) * **Electromechanical Relays:** The "R2" designation often implies the use of small, replaceable slimline relays. * **Function:** These provide **Galvanic Isolation** between the PLC (24V DC logic) and the field load (which could be 230V AC or 24V DC). #### C. Circuit Protection & Indicators * **Flyback Diodes (Freewheeling):** Integrated across each relay coil to suppress voltage spikes (back EMF) when the coil is de-energized, protecting the PLC output transistors. * **LED Status Indicators:** Each of the 32 channels usually has a dedicated SMD LED to provide visual confirmation of signal activity. * **Varistors (Optional):** Some versions include MOV (Metal Oxide Varistors) on the contact side to suppress arcs when switching inductive loads. --- ### 3. Application Workflow 1. **Signal Input:** The PLC sends a 24V DC pulse through the 40-pin ribbon cable. 2. **Actuation:** The specific relay on the M2RT board energizes. 3. **Isolation:** The mechanical contact closes, completing the circuit for the field device (e.g., a motor starter, solenoid, or lamp). 4. **Wiring:** The field wires are connected to the rugged screw terminals, which are much easier to maintain than high-density ribbon cables. --- ### 4. Wiring Diagram Concept ```text [ PLC Output Module ] <--- Ribbon Cable ---> [ M2RT-32-R2 ] | [ Internal Relay ] | [ Screw Terminals ] | [ Field Load/Device ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per channel for the M2RT-32-R2?
    • ⤷ How do you troubleshoot a non-responsive channel on this module?
    • ⤷ Can this module be used with NPN and PNP PLC outputs?