Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RT-3G-R/N

  • AI
    The **M2RT-3G-R/N** is a specific industrial-grade router/gateway often used in M2M (Machine-to-Machine) and IoT applications. It is designed to provide cellular connectivity (3G) to remote equipment via Ethernet or Serial interfaces. Below is an analysis of its electronic components, specifications, and architecture. --- ### 1. Core Hardware Specifications The device is built to operate in harsh industrial environments, featuring a ruggedized housing and specialized internal circuitry. | Component | Specification | Description | | :--- | :--- | :--- | | **Processor** | 32-bit Industrial CPU | Handles routing protocols, firewall, and VPN encryption. | | **Cellular Module** | 3G (HSPA+/UMTS) | Provides primary wide-area network connectivity. | | **RAM/Flash** | 64MB / 128MB (Typical) | High-speed memory for OS (Linux-based) and buffer. | | **Power Input** | 5V - 35V DC | Wide voltage range protection for industrial power rails. | | **Casing** | Metal (IP30) | Provides EMI shielding and heat dissipation. | --- ### 2. Key Electronic Interfaces The "R/N" variants typically refer to specific configurations of the I/O ports. * **Ethernet Ports (RJ45):** Generally includes 1 LAN and 1 WAN port (10/100 Mbps). These are isolated to prevent damage from ground loops. * **Serial Ports (RS232/RS485):** These interfaces allow legacy industrial equipment (like PLCs or Modbus sensors) to communicate over the cellular network. * **Antenna Connectors (SMA):** Standard female SMA connectors for external high-gain 3G antennas. * **SIM Slot:** A drawer-style or flip-style slot for a standard Mini-SIM (2FF). --- ### 3. Internal Circuitry Features The M2RT series incorporates several electronic safeguards to ensure 24/7 uptime: #### A. Hardware Watchdog A dedicated timer circuit that monitors the CPU. If the software freezes, the hardware watchdog automatically triggers a power cycle (reboot) to restore connectivity without manual intervention. #### B. ESD & Surge Protection The electronic ports (Serial and Ethernet) are equipped with: * **15KV ESD Protection:** Safeguards against static electricity. * **Surge Protection:** Protects internal components from voltage spikes on the power line. #### C. Power Management The internal power supply unit (PSU) is designed to handle "dirty" power common in factories or solar-powered sites, filtering out noise and maintaining a stable internal voltage. --- ### 4. Part Number Breakdown (Typical) While naming conventions vary by manufacturer (often associated with brands like Robustel or Maestro), the code usually indicates: * **M2RT:** Machine-to-Machine Remote Terminal/Router. * **3G:** Cellular standard supported. * **R:** Denotes the presence of a **Router** function. * **N:** Often indicates **No** specific GPS module or a standard **Network** configuration. ---
    ✨ Follow-up Questions
    • ⤷ Does this device support a fallback to 2G networks if 3G is unavailable?
    • ⤷ How do I configure the RS485 port for Modbus communication?
    • ⤷ What is the power consumption of the M2RT-3G-R/N during peak transmission?