Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RT-41-R2SLASHK

  • AI
    The part number **M2RT-41-R2/K** typically refers to a high-precision **Thin Film Chip Resistor Network** or a specific **Current Sense Resistor** series (often associated with brands like Isabellenhütte or specialized industrial suppliers). Below is a breakdown of the electronic characteristics and technical specifications typical for this component class. --- ### 1. Component Overview These components are designed for high-stability applications where resistance values must remain constant despite temperature fluctuations. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Precision Surface Mount (SMD) Resistor | | **Technology** | Metal Foil or Thin Film | | **Resistance Tolerance** | ±0.1% to ±1% | | **Temperature Coefficient (TCR)** | < 50 ppm/K (High stability) | | **Power Rating** | 1W - 5W (Depending on specific footprint) | --- ### 2. Detailed Technical Breakdown #### A. Resistance and Tolerance The "41" or "R2" segments in the part number usually designate the ohmic value. * **R2**: Often represents **0.2 Ohms** ($200 m\Omega$). * **Precision**: The "K" suffix in many electronic coding schemes refers to a **±10%** tolerance, though in high-end precision parts, it can sometimes refer to specific packaging or temperature grades. #### B. Thermal Management Since these are often used for current sensing (Shunts), they feature: * **Low Inductance**: Essential for high-frequency switching power supplies. * **High Pulse Power**: Ability to withstand short-term overloads without permanent resistance shift. * **Heat Dissipation**: Usually features a ceramic substrate or a metal plate to pull heat away from the resistive element. --- ### 3. Application Use Cases Components with these specifications are found in: 1. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles. 2. **Motor Control:** Sensing phase currents for precise torque control. 3. **Power Supplies:** Serving as a feedback element in DC-DC converters. 4. **Automotive Electronics:** Used in EV inverters and electronic power steering. --- ### 4. Mounting and Physical Characteristics * **Package Type:** Usually 1206, 2512, or specialized 4-terminal (Kelvin) footprints. * **Termination:** Solderable wrap-around terminations, often Sn (Tin) over Ni (Nickel) barrier. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the R2 designation in this specific series?
    • ⤷ Does this part require a 4-terminal Kelvin connection for measurement?
    • ⤷ What is the maximum operating temperature for the M2RT series?