Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RT-44-R/K

  • AI
    The **M2RT-44-R/K** is a specific model within the **M2RT series**, which are high-performance, rotary-action toggle switches (often referred to as "Rotary Toggle" or "Lever Switches"). These components are widely used in industrial control panels, aerospace, and defense applications due to their high reliability and tactile feedback. --- ### 1. Component Specifications The "M2RT-44-R/K" designation refers to a switch with specific electrical and mechanical configurations. | Feature | Specification / Description | | :--- | :--- | | **Switch Type** | Rotary-Action Toggle / Lever Switch | | **Circuitry** | 4PDT (Four Pole, Double Throw) | | **Number of Positions** | 2-Position or 3-Position (Depending on the "R/K" sub-spec) | | **Contact Rating** | Typically 6A @ 125VAC or 3A @ 250VAC | | **Terminal Type** | Solder Lug or Screw Terminals | | **Mounting Type** | Panel Mount (typically 12mm or 15mm hole) | | **Actuator Material** | Chrome-plated brass or Stainless Steel | --- ### 2. Breakdown of the Model Code The suffix and prefix define the behavior of the internal electronic contacts: * **M2RT**: The series identifier (Miniature/Medium Rotary Toggle). * **44**: Indicates the number of poles (4-Pole). In this case, it handles four separate circuits simultaneously. * **R/K**: * **R**: Often denotes a specific "Maintained" action (stays in position). * **K**: Often denotes a "Locking" lever mechanism (requires the user to pull the lever before moving it to prevent accidental activation). --- ### 3. Internal Circuitry (4PDT) The electronic core consists of four independent sets of changeover contacts. When the lever is toggled: ```text Position 1: (Common 1 -> NC 1), (Common 2 -> NC 2), (Common 3 -> NC 3), (Common 4 -> NC 4) Position 2: (Common 1 -> NO 1), (Common 2 -> NO 2), (Common 3 -> NO 3), (Common 4 -> NO 4) ``` --- ### 4. Key Electronic Features * **Contact Resistance**: Low initial contact resistance (typically <10mΩ) to ensure signal integrity. * **Dielectric Strength**: High insulation between poles, usually rated for 1,000V AC for one minute. * **Mechanical Life**: Built for durability, often rated for 50,000 to 100,000 cycles. * **Sealing**: Many versions of this switch include an internal O-ring or epoxy seal to protect the contacts from dust and moisture. --- ### 5. Common Applications * **Industrial Automation**: Switching between "Manual" and "Auto" modes across multiple sensor lines. * **Aerospace**: Master power cutoff for multiple redundant systems. * **Test Equipment**: Routing multi-channel signals to a single output.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for a 4PDT rotary toggle switch?
    • ⤷ Does the M2RT-44-R/K support DC voltage loads
    • ⤷ and at what rating?
    • ⤷ How does the 'Locking Lever' mechanism function mechanically in this series?