Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RT-46-R/K

  • AI
    Based on your inquiry, the **M2RT-46-R/K** appears to be a specialized part number typically associated with **M2 Power Supplies** or industrial control modules often used in telecommunications, servers, or high-performance computing environments. Below is a breakdown of the electronic components and technical specifications generally associated with this series of power modules. --- ## Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Component Type** | AC-DC Power Supply Module / Rectifier | | **Input Voltage** | Wide range (typically 90V - 264V AC) | | **Output Voltage** | 46V - 48V DC (Standard for Telecom) | | **Efficiency** | Often >92% (80 PLUS Gold/Platinum equivalent) | | **Cooling** | Internal high-speed DC Fan | | **Protection** | OVP (Over Voltage), OCP (Over Current), OTP (Over Temp) | | **Form Factor** | Hot-swappable / Rack-mount module | --- ## Key Electronic Parts and Sub-systems The internal architecture of the M2RT-46 series consists of several critical stages: ### 1. Input Filtering (EMI/EMC) * **X and Y Capacitors:** Filter out high-frequency noise from the AC line. * **Common Mode Chokes:** Inductors that prevent electromagnetic interference from leaking back into the power grid. ### 2. Power Factor Correction (PFC) Stage * **MOSFETs/IGBTs:** High-speed switches used to align current and voltage phases to maximize efficiency. * **PFC Inductor:** Large magnetic component used for energy storage during the correction cycle. ### 3. DC-DC Converter (The Heart) * **Transformer:** Provides galvanic isolation between the high-voltage AC side and the 46V DC output side. * **PWM Controller:** An integrated circuit (IC) that manages the switching frequency to maintain a stable output voltage regardless of load changes. ### 4. Output Rectification and Smoothing * **Schottky Diodes or Synchronous Rectifiers:** Convert the AC output of the transformer into stable DC. * **Electrolytic Capacitors:** Low ESR (Equivalent Series Resistance) capacitors that smooth out ripples to provide "clean" power to the sensitive electronics. --- ## Comparison of "R" vs "K" Variants While specific manufacturer datasheets may vary, the suffix usually denotes specific configurations: * **R (Redundancy):** Often implies the unit supports **N+1 redundancy** and features an internal "OR-ing" FET to prevent a single module failure from crashing the entire system. * **K (Kit/Connector):** Sometimes refers to a specific connector type (backplane style) or a mounting kit included with the module. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power wattage for the M2RT-46-R model?
    • ⤷ Can this module be used in a 48V telecom battery system?
    • ⤷ Does this power supply support I2C or PMBus communication for monitoring?