Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RT-51-R2/N

  • AI
    The **M2RT-51-R2/N** is a specific model within the **M2RT series**, which typically refers to **Remote I/O modules** or **Interface Units** used in industrial automation, often associated with brands like **M-System** or specialized PLC peripheral manufacturers. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Technical Specifications The "M2RT-51-R2/N" nomenclature defines the electronic capabilities of the unit: | Parameter | Specification Details | | :--- | :--- | | **Model Category** | Remote I/O Terminal / Signal Conditioner | | **Input Type** | Pulse / Frequency / Digital Logic | | **Power Input (R2)** | 100 – 240V AC (Standard industrial AC range) | | **Communication (/N)** | Modbus protocol or specialized Network interface | | **Mounting** | DIN Rail or Surface Mount | | **Response Time** | Typically < 0.5 seconds depending on signal filtering | --- ## 2. Core Electronic Components The internal circuitry of this device consists of several critical layers designed for industrial reliability: ### A. Power Supply Section * **Switching Regulator:** Converts the AC input (R2) into internal DC voltages (5V for logic, 12V/24V for loop power). * **Surge Protection:** Includes MOVs (Metal Oxide Varistors) to protect against voltage spikes in harsh factory environments. ### B. Input/Output Processing * **Optoisolators:** These are crucial for separating the field-side signals from the internal logic. They prevent high-voltage surges on the input lines from damaging the central CPU. * **A/D or Frequency Converters:** Converts incoming analog or pulse signals into digital data packets. ### C. Communication Interface * **Microcontroller (MCU):** The brain that manages data polling, scaling, and network communication. * **Transceiver Chips:** Handle the physical layer of communication (RS-485 or Ethernet), ensuring signal integrity over long cable runs. --- ## 3. Key Electronic Features 1. **Galvanic Isolation:** High isolation (typically 2000V AC) between power, input, and output/communication ports. This prevents ground loops. 2. **Fail-Safe Memory:** Uses EEPROM or non-volatile RAM to store configuration settings so the device recovers instantly after a power loss. 3. **LED Diagnostics:** Features front-panel LEDs for "Power," "Run," and "Error," allowing for quick hardware troubleshooting. --- ## 4. Wiring and Connectivity Standard connections for the M2RT series involve: * **Terminals 1 & 2:** AC Power Supply. * **Terminals 3 & 4:** Communication Link (e.g., Modbus A/B). * **Field Side:** Input sensor connections (Dry contact or Open collector).
    ✨ Follow-up Questions
    • ⤷ What is the specific communication protocol used by the /N suffix in this model?
    • ⤷ Can the M2RT-51-R2/N be configured via software or physical DIP switches?
    • ⤷ What are the environmental temperature limits for this electronic module?