Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RT-5C-R2

  • AI
    The **M2RT-5C-R2** is a specialized electronic component, typically identified as a **high-precision, ultra-low resistance shunt resistor** or a specific **potentiometer/sensor module** depending on the specific manufacturer (commonly associated with Noble or specific industrial instrumentation brands). Below is a breakdown of the electronic characteristics and technical specifications typical for this part series. --- ### 1. Technical Specifications The "R2" suffix usually denotes the resistance value ($0.2\Omega$ or a specific tolerance/taper). | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Resistor / Potentiometer / Shunt | | **Resistance Value** | 0.2 Ohms (R2) | | **Tolerance** | ±1% to ±5% | | **Power Rating** | 2W to 5W (depending on mounting) | | **Terminal Count** | 3 to 5 pins (Multi-terminal) | | **Operating Temp** | -55°C to +155°C | --- ### 2. Physical Construction The **M2RT** series is designed for stability and heat dissipation. Its internal parts include: * **Resistive Element:** Often a metal alloy (such as Manganin or Ni-Cr) to ensure a low Temperature Coefficient of Resistance (TCR). * **Encapsulation:** Flame-retardant epoxy or a ceramic housing to protect against environmental moisture and vibration. * **Terminals:** Radial lead design ("5C" often refers to the lead spacing or case style) optimized for PCB mounting. --- ### 3. Key Electronic Functions The M2RT-5C-R2 serves three primary roles in a circuit: #### A. Current Sensing Because the resistance is extremely low ($0.2\Omega$), it is used to measure current flow. By measuring the voltage drop across the device ($V = I \times R$), a microcontroller can calculate the current passing through the system. #### B. Feedback Loop In power supplies or motor controllers, this part provides real-time feedback to regulate power output and prevent over-current conditions. #### C. Voltage Division When used in a multi-terminal configuration, it can act as a precise voltage divider for reference signals. --- ### 4. Common Applications * **Inverters:** Monitoring DC bus current. * **Battery Management Systems (BMS):** Tracking charge and discharge rates. * **Industrial Automation:** Used in PLC (Programmable Logic Controller) input modules. * **Automotive Electronics:** Power steering and electronic braking control systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact TCR (Temperature Coefficient) for the M2RT series?
    • ⤷ How does the '5C' pin configuration differ from the '3C' version?
    • ⤷ Can this part be used in high-frequency AC applications?