Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RT-5F-R/CE

  • AI
    The **M2RT-5F-R/CE** is a specialized high-speed communication component, specifically an **Optical Transceiver Module** often used in industrial automation, networking, or specialized fiber optic links. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview This part is a small-form-factor pluggable (or equivalent style) transceiver designed to convert electrical signals into optical signals and vice-versa. The "R/CE" suffix typically denotes compliance with European (CE) standards and RoHS environmental regulations. ### 2. Key Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Fiber Optic Transceiver | | **Data Rate** | Typically supports high-speed transmission (Fast Ethernet or higher depending on series) | | **Wavelength** | Usually 850nm (Multi-mode) or 1310nm (Single-mode) | | **Connector Type** | Usually LC or SC (Specific to the M2RT series design) | | **Voltage Supply** | 3.3V DC (Standard for modern transceivers) | | **Operating Temp** | Industrial grade (often -40°C to +85°C) | ### 3. Functional Blocks The internal electronics of the M2RT-5F-R/CE consist of several critical subsystems: #### A. The Transmitter Path (TX) * **Laser Driver:** An integrated circuit that receives differential electrical signals and modulates the current to drive the light source. * **Light Source:** Usually a **VCSEL** (Vertical-Cavity Surface-Emitting Laser) for short-range or an **FP/DFB Laser** for long-range. #### B. The Receiver Path (RX) * **Photodiode:** A PIN or APD (Avalanche Photodiode) that converts incoming light pulses back into an electrical current. * **Transimpedance Amplifier (TIA):** Converts the small current from the photodiode into a usable voltage signal. * **Limiting Amplifier:** Cleans up the signal to provide a standard logic output (LVPECL or CML). #### C. Control & Monitoring * **EEPROM:** Stores identification data (vendor, serial number, and compatibility codes). * **DDM (Digital Diagnostic Monitoring):** Allows the host system to monitor real-time parameters like temperature, supply voltage, and laser bias current. --- ### 4. Typical Applications * **Industrial Ethernet:** Connecting PLCs and HMIs in high-noise environments where copper cabling would suffer from EMI. * **Telecommunications:** Edge routing and switching. * **Medical Equipment:** Isolated data transmission for patient safety. ### 5. Compliance and Standards * **CE Marking:** Indicates conformity with health, safety, and environmental protection standards for products sold within the European Economic Area (EEA). * **RoHS:** Lead-free construction to meet environmental requirements. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance for the M2RT-5F-R/CE?
    • ⤷Is this module hot-swappable in a live network switch?
    • ⤷What is the difference between the 'R' and 'CE' designations in the part number?