Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RT-5G-R2

  • AI
    The **M2RT-5G-R2** is a high-performance industrial 5G router/gateway designed for IIoT (Industrial Internet of Things) applications. It is engineered to provide robust, high-speed wireless connectivity in harsh environments. --- ## 1. Core Hardware Architecture The internal electronic design focuses on high throughput and thermal stability. | Component Type | Description | | :--- | :--- | | **Main Processor** | High-performance industrial CPU (typically ARM-based) capable of handling 5G data rates and VPN encryption. | | **5G Module** | Integrated Sub-6GHz 5G NR module (compatible with SA and NSA modes). | | **Memory (RAM)** | Usually 256MB to 512MB DDR3/DDR4 for buffer management. | | **Storage (Flash)** | 128MB to 256MB for firmware, OS (OpenWrt based), and logs. | --- ## 2. Key Electronic Interfaces The R2 revision typically features a standardized industrial interface layout: ### Wireless Connectivity * **5G/4G LTE:** Supports global frequency bands with multiple MIMO antenna connectors (usually SMA). * **Wi-Fi:** Integrated 802.11ac/ax (Wi-Fi 5 or 6) controller for local AP/Client modes. * **GNSS:** High-precision GPS/GLONASS/Beidou for asset tracking and timing. ### Physical Ports * **Ethernet:** 2 to 5 RJ45 ports (10/100/1000 Mbps) configurable as WAN or LAN. * **Serial Ports:** RS232 and RS485 (Terminal blocks) for Modbus/legacy device integration. * **I/O Pins:** Digital Input (DI) and Digital Output (DO) for remote sensor monitoring or triggering. --- ## 3. Power and Protection Industrial electronics require specific protection circuits to prevent damage from power surges or electrical noise. * **Wide Voltage Input:** Supports 9V to 36V DC (standard industrial range). * **Power Protection:** * Reverse polarity protection. * Over-voltage and over-current protection. * ESD protection for all communication ports. * **Watchdog Timer:** A hardware circuit that automatically reboots the system if a software hang is detected. --- ## 4. Physical Design Specs The "R2" designation often implies a specific form factor or revision improvement in cooling. * **Enclosure:** Ruggedized metal casing (IP30 or higher rating). * **Mounting:** Support for DIN-rail or wall mounting. * **Operating Temp:** Industrial grade (-40°C to +75°C). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific 5G frequency bands supported by the M2RT-5G-R2?
    • ⤷ Does this model support Dual-SIM failover for network redundancy?
    • ⤷ What operating system is used for managing the M2RT-5G-R2 hardware?