Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RT-60-R

  • AI
    The **M2RT-60-R** is a high-performance, rotary-action magnetic circuit breaker manufactured by **Carling Technologies** (specifically from the M-Series). These units are designed for demanding environments where precision and reliability are critical. --- ### 1. Technical Specifications The part number breaks down into specific electronic and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Series** | M-Series (Miniature Magnetic Circuit Breaker) | | **Actuator Style** | Rotary (indicated by the 'R') | | **Current Rating** | Typically 60 Amps (as per the "60" designation) | | **Number of Poles** | 2-Pole configuration | | **Circuit Type** | Series Trip (Standard) | | **Termination** | Stud or Screw terminals (common for high current) | | **Standard Compliance** | UL 489, CSA, VDE, and TUV | --- ### 2. Core Electronic Components & Operation Unlike standard thermal breakers, the M2RT-60-R utilizes **Hydraulic-Magnetic** technology. #### A. The Solenoid Coil The primary sensing element is a wire-wound coil. When current flows through this coil, it creates a magnetic field. * **Normal Operation:** The magnetic force is insufficient to move the trip linkage. * **Overload:** The magnetic force pulls a core through a tube filled with silicone fluid (the "hydraulic" delay), eventually triggering the mechanism. * **Short Circuit:** The magnetic force is so high it bypasses the fluid delay and trips the breaker instantly. #### B. The Contact System Because this unit handles up to 60 Amps, the internal contacts are made of high-conductivity silver alloy. * **Arc Runners:** Designed to pull the electrical arc away from the contacts into an arc chute. * **Arc Chute:** A series of metal plates that split and cool the arc during disconnection to prevent fire or terminal welding. --- ### 3. Key Advantages 1. **Temperature Stability:** Unlike thermal breakers, the M2RT-60-R is not affected by ambient heat. It will always trip at the rated current regardless of whether it is in a cold server room or a hot engine bay. 2. **Rotary Actuation:** The rotary handle provides a clear visual indication of status (ON/OFF/TRIPPED) and is harder to accidentally toggle than a standard rocker. 3. **Wiping Contacts:** The mechanical action "wipes" the contacts clean during every cycle, reducing resistance and heat buildup. --- ### 4. Typical Applications * **Marine Panels:** Resistant to vibration and salt spray. * **Telecommunications:** Protection for power distribution units (PDUs). * **Industrial Automation:** High-current motor or power supply protection. * **Renewable Energy:** Solar inverters and battery storage systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 'Series Trip' and a 'Shunt Trip' in this model?
    • ⤷ What are the specific mounting dimensions for the M-Series rotary breakers?
    • ⤷ Can this breaker be used in both AC and DC circuits?