Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-R-21-R2/UL

  • AI
    The **M2RTS-R-21-R2/UL** is a specific model of an industrial **Relay Terminal Socket** (often associated with brands like AnyLink or similar industrial control component manufacturers). These devices serve as the interface between high-level control logic (like a PLC) and field devices. --- ### 1. Technical Specifications Overview Based on the part number nomenclature typical for this series, here are the core electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 24V DC (Standard) | The coil activation voltage for the relays. | | **Channel Count** | 16 or 32 Channels | "21" or "R2" often denotes density/connector type. | | **Output Type** | Relay Contact | Mechanical switching for AC or DC loads. | | **Contact Rating** | 5A @ 250VAC / 30VDC | Standard power handling per channel. | | **Connection Type** | Ribbon Cable / Terminal | Uses a MIL-style header for PLC connection. | | **Mounting** | DIN Rail | Standard 35mm industrial rail mounting. | --- ### 2. Key Electronic Components The internal circuitry of the M2RTS module consists of several critical stages: #### A. The Relay (Electromechanical) The heart of the unit. When the control signal (24V) is applied to the coil, it creates a magnetic field that closes the mechanical contacts to power the load. * **Life Expectancy:** Typically 10,000,000 mechanical operations. #### B. Protection Circuitry (Flyback Diodes) Every channel includes a **Freewheeling (Flyback) Diode** across the relay coil. * **Function:** When the relay is turned off, the magnetic field collapses and generates a high-voltage spike. The diode dissipates this energy to prevent damage to the driving PLC or Transistor. #### C. LED Status Indicators Each channel is equipped with a surface-mount LED (usually green or red). * **Function:** Provides immediate visual feedback on which relays are currently energized, simplifying troubleshooting. #### D. Input Interface (Ribbon Connector) Instead of individual wires, these units use a multi-pin connector (e.g., IDC 20-pin or 40-pin). * **Function:** Allows for "Plug-and-Play" connectivity to PLC output modules using a single pre-assembled cable. --- ### 3. Safety and Certifications The **"/UL"** suffix in the part number is critical for electronic compliance: * **UL Listed:** The components and PCB trace spacing meet Underwriters Laboratories safety standards for fire and electrical shock prevention. * **Isolation:** The module provides high-voltage isolation between the low-voltage control side (PLC) and the high-voltage load side (Motors/Solenoids). --- ### 4. Wiring Pinout Logic Typically, the module follows this logic for its terminal blocks: 1. **COM (Common):** The shared feed for the relay contacts. 2. **NO (Normally Open):** The contact that closes when the relay is triggered. 3. **VCC/GND:** Power supply for the internal relay coils and LEDs.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the ribbon cable connector on this model?
    • ⤷ Can the relay contacts on this module handle inductive loads without external snubbers?
    • ⤷ Is there a Solid State Relay (SSR) equivalent for the M2RTS-R-21 series?