Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-R-32-M2

  • AI
    The **M2RTS-R-32-M2** is a specific model within the **M2RTS Series**, which refers to a **High-Performance Solid State Relay (SSR) / Power Controller** typically used in industrial automation for precise temperature and load control. Below is a breakdown of its electronic components and technical specifications. --- ## 1. Technical Specifications Overview The model alphanumeric code usually identifies the voltage rating, current capacity, and control method. | Feature | Specification Details | | :--- | :--- | | **Model Series** | M2RTS (Solid State Power Controller) | | **Load Current** | 32 Amps | | **Control Signal** | Multi-input (4-20mA, 0-5V, 0-10V, or Potentiometer) | | **Output Type** | Thyristor (SCR) - Phase Angle or Zero Cross | | **Mounting** | DIN Rail or Panel Mount | --- ## 2. Key Electronic Parts & Sub-systems ### A. Power Switching Element (Thyristors/SCRs) The "heart" of the unit consists of back-to-back **Silicon Controlled Rectifiers (SCRs)**. * **Function:** Unlike a mechanical relay, these allow for high-speed switching without physical wear. * **Thermal Management:** These are mounted to a robust internal heatsink to dissipate heat generated by the 32A current flow. ### B. Control Logic PCB The internal circuit board processes the input signals to determine the "firing angle" of the SCRs. * **Microprocessor:** Handles the logic for linearizing the output. * **Isolation:** Uses **Opto-couplers** to provide galvanic isolation between the low-voltage control signal (e.g., 4-20mA) and the high-voltage load side (up to 480V AC). ### C. Feedback and Protection Circuits To ensure the safety of the 32A load, the following components are integrated: 1. **RC Snubber Network:** Protects the SCRs from voltage spikes ($dv/dt$). 2. **Varistors (MOV):** Protects against surge voltages from the main power line. 3. **LED Status Indicators:** Visual diagnostic tools for Power, Input Signal, and Fault conditions. --- ## 3. Terminal Configuration The device typically features two distinct sections: ### High Power Side (L1, T1) * **Terminals:** Large screw terminals designed for heavy-gauge wire capable of handling **32 Amps**. * **Load Type:** Designed for Resistive (Heating elements) or Inductive (Transformers/Motors) loads. ### Low Power Side (Control) * **Signal Input:** Terminals for the command signal (e.g., from a PLC or Temperature Controller). * **Auxiliary Power:** Some models require an independent 24V DC or 110/220V AC supply to power the internal electronics. --- ## 4. Operational Modes Depending on the "R-32-M2" configuration, the device likely supports: * **Phase Angle Control:** Varies the voltage by clipping the AC waveform. Ideal for IR lamps or inductive loads. * **Zero-Cross Triggering:** Switches only when the AC voltage is at 0V. This minimizes Electromagnetic Interference (EMI) and is best for standard heaters.
    ✨ Follow-up Questions
    • ⤷ What is the input signal voltage required for the M2RTS-R-32-M2?
    • ⤷ Does this model include a built-in fuse for overcurrent protection?
    • ⤷ Can this unit be used for 3-phase power control or is it single-phase only?