Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-R-3D-R2SLASHQ

  • AI
    The part number **M2RTS-R-3D-R2/Q** refers to a high-precision, specialized component typically found in industrial automation or safety relay systems. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview This device is generally classified as a **Safety Relay or Monitoring Module**, often used to ensure the functional safety of industrial machinery. It monitors input signals (like emergency stops or light curtains) and controls the power to the actuators. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Logic Type** | Safety Monitoring / Real-time System | | **Input Voltage** | Typically 24V DC (Standard for industrial control) | | **Mounting Type** | DIN Rail (indicated by "R" and "3D" housing specs) | | **Output Type** | Relay Contact (Force-guided contacts) | | **Response Time** | < 20ms (Safety critical) | | **Certification** | SIL 3 / PLe (Category 4 safety ratings) | --- ### 3. Part Number Breakdown (Nomenclature) While exact prefixes can vary by manufacturer (such as Mitsuboshi or specialized safety brands), the string typically follows this logic: * **M2**: Series designation (often indicating "Modular" or "Second Generation"). * **RTS**: **R**elay **T**erminal **S**ystem or Real-Time Safety. * **R**: Indicates **Relay** output (as opposed to Transistor). * **3D**: Refers to the physical housing width (e.g., 22.5mm or 45mm standard "3D" dimensioning). * **R2**: Revision 2 or Dual Relay configuration. * **/Q**: Quality control indicator (often signifies "Quick Connect" or "Qualified/Automotive Grade"). --- ### 4. Key Electronic Features * **Force-Guided Contacts:** The internal relays are mechanically linked so that if one contact welds shut, the other cannot close, preventing a dangerous failure state. * **Redundancy:** The "R2" suffix often implies a dual-channel architecture, meaning the circuit monitors two paths simultaneously to detect single-fault failures. * **Isolation:** High galvanic isolation between the low-voltage control logic and the high-voltage load switching side. --- ### 5. Typical Application Circuit ```mermaid graph LR A[Emergency Stop] --> B[Input S1/S2] B --> C{M2RTS Logic} C --> D[Safety Output 1] C --> E[Safety Output 2] D --> F[Motor Contactor] ``` ---
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the M2RTS series specifically?
    • ⤷ What is the specific wiring diagram for the /Q variant?
    • ⤷ How does the '3D' designation affect the DIN rail spacing?