Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-R-3G-M2

  • AI
    The **M2RTS-R-3G-M2** is a specialized industrial-grade telemetry and remote terminal unit (RTU) component, commonly used in water management, environmental monitoring, and industrial automation. It is part of the **M2RTS** (M2 Remote Telemetry System) series. --- ### 1. Core Component Overview This device acts as an interface between field sensors and a central monitoring system (SCADA), utilizing cellular connectivity to transmit data. | Component Feature | Specification / Description | | :--- | :--- | | **Communication Standard** | 3G (HSPA/UMTS) with 2G fallback | | **Form Factor** | M.2 (Next Generation Form Factor) | | **Application** | Remote data logging, alarm reporting, and control | | **Antenna Interface** | U.FL or SMA connectors for external high-gain antennas | --- ### 2. Key Electronic Functional Blocks #### A. Cellular Modem Engine The "3G" designation indicates the presence of a cellular radio module. * **Radio Frequency (RF) Front-end:** Manages signal amplification and filtering. * **SIM Interface:** Usually supports a standard or industrial M2M SIM card for network authentication. #### B. Input/Output (I/O) Architecture The "M2" version typically provides a variety of ports to interface with physical hardware: * **Analog Inputs:** (e.g., 4-20mA or 0-5V) for pressure, level, or temperature sensors. * **Digital Inputs/Outputs:** For status monitoring (On/Off) or controlling relays/solenoids. * **Pulse Counters:** High-speed inputs for water or flow meters. #### C. Power Management Designed for remote sites, the internal electronics are optimized for: * **Low Power Consumption:** Sleep modes to conserve battery or solar power. * **Voltage Regulation:** Built-in protection against surges and fluctuating supply voltages common in industrial environments. --- ### 3. Physical Layout and Connectivity The module is built on a rugged PCB (Printed Circuit Board) designed to withstand vibration and temperature extremes. ```mermaid graph LR Sensors -->|Analog/Digital| M2RTS_Module M2RTS_Module -->|3G Network| Cloud_Server M2RTS_Module -->|RS232/RS485| Local_PLC ``` * **Processor:** An integrated microcontroller (MCU) handles data logging, protocol conversion (Modbus/DNP3), and encryption. * **Storage:** Internal Flash memory for data buffering in case of network outages. --- ### 4. Technical Summary Table | Part Aspect | Detail | | :--- | :--- | | **Mounting** | DIN Rail or Panel Mount (depending on enclosure) | | **Protocols** | Modbus RTU/TCP, DNP3, FTP, MQTT | | **Operating Temp** | Typically -20°C to +70°C | | **Security** | VPN support, Firewall, and SSL/TLS encryption |
    ✨ Follow-up Questions
    • ⤷ What are the power supply requirements for the M2RTS-R-3G-M2?
    • ⤷ Does this module support upgrading to 4G or 5G connectivity?
    • ⤷ How many analog and digital I/O channels are available on this specific model?