Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-R-3G-R/UL

  • AI
    The **M2RTS-R-3G-R/UL** is a high-performance electronic signal transducer/transmitter manufactured by **M-System**. It is primarily used in industrial automation to convert a temperature input (from a Resistance Temperature Detector - RTD) into a standard DC output signal. The suffix `/UL` indicates that the unit is UL-listed for safety standards. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Series** | M2-Series (Mini-M) | | **Input Type** | RTD (Resistance Temperature Detector) | | **Output Type** | DC Current or Voltage (Standard 4–20 mA or 0–10V) | | **Power Input** | 100 – 240V AC (indicated by "3G" code) | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 to 90%) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | Plug-in socket (DIN Rail or Surface) | --- ### 2. Breakdown of the Part Number The alphanumeric code describes the specific hardware configuration: * **M2**: The "Mini-M" family, known for a compact, plug-in design that reduces wiring time. * **RTS**: Function identifier for an **RTD Transmitter**. * **R**: Specific input range/type configuration (often indicates standard RTD like Pt 100). * **3G**: Power supply code. In M-System nomenclature, this typically refers to **100 – 240V AC**. * **R**: Output code. Usually represents a specific DC output (like 4–20mA DC). * **UL**: Certified by Underwriters Laboratories for use in North American markets. --- ### 3. Electronic Functional Components The internal circuitry is divided into three primary isolated sections to prevent ground loops and protect sensitive equipment: #### A. Input Section (Signal Conditioning) * **Leadwire Compensation:** Uses a 3-wire bridge circuit to cancel out the resistance of the wires leading to the RTD sensor. * **Linearization:** Since RTDs are not perfectly linear, the electronics apply a linearization curve to ensure the output is proportional to the actual temperature. #### B. Isolation & Processing * **Galvanic Isolation:** Uses optical or magnetic couplers to ensure there is no electrical path between the high-voltage power source, the field sensor, and the PLC/Controller. * **A/D and D/A Conversion:** Converts the analog resistance into a digital signal for precise processing, then back to a stable analog output. #### C. Output Section * **Current/Voltage Driver:** A high-precision amplifier that maintains the 4–20mA loop (or voltage) regardless of the load resistance (up to a certain limit). --- ### 4. Application Use Case This part is typically used in chemical plants, power generation, or HVAC systems where a temperature sensor (RTD) is located far from the control room. The **M2RTS** converts the weak resistance signal into a robust 4–20mA signal that can travel long distances without interference. ---
    ✨ Follow-up Questions
    • ⤷What are the specific wiring diagrams for the 3-wire RTD input on this model?
    • ⤷ What is the maximum load resistance for the 4-20mA output version?
    • ⤷ How do I perform a field calibration using the Zero and Span adjustments?