Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-R-BB-R/N

  • AI
    Based on the part number provided, this component is a **High-Performance Multi-Protocol Communication Module** (often associated with industrial automation and CNC systems). Below is a breakdown of its electronic specifications and characteristics. ## Part Breakdown: M2RTS-R-BB-R/N The part number typically refers to a specialized interface module or remote terminal station (RTS) used for real-time data transmission. ### 1. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Remote Terminal Station / Network Interface Card | | **Connectivity** | Multi-protocol support (typically RS-485, CAN, or proprietary links) | | **Input Voltage** | Typically 24V DC (Industrial standard) | | **Mounting** | DIN Rail or Panel Mount | | **Housing** | Ruggedized casing (often "BB" signifies specific enclosure or backplane compatibility) | --- ### 2. Key Electronic Features * **Real-Time Processing:** Designed for deterministic communication, ensuring low latency between sensors, actuators, and the central controller. * **Isolation Protection:** High-level galvanic isolation between the communication lines and the internal logic to prevent damage from power surges or ground loops. * **Status Indicators:** Integrated LED diagnostics for: * **Power (PWR):** Indicates internal logic power status. * **Run/Error:** Visual feedback on network synchronization and CPU health. * **Redundancy Support:** The "R" in the suffix often denotes redundancy features, allowing the part to switch to a backup communication path if the primary fails. --- ### 3. Connection Interfaces The "N" at the end of the part number usually indicates a specific terminal layout or connector type. | Interface | Purpose | | :--- | :--- | | **Terminal Block** | Screw-down or spring-clamp connectors for I/O and Power. | | **Communication Port** | RJ45 or DB9 ports for high-speed bus communication. | | **Configuration Switches** | DIP switches often located on the side for setting Station IDs or Baud rates. | --- ### 4. Typical Applications These modules are frequently found in: 1. **CNC Machines:** Handling high-speed feedback from servo drives. 2. **PLCs:** Expanding the number of remote I/O points in a factory line. 3. **Distributed Control Systems (DCS):** Managing long-distance data transmission in harsh EMI environments.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer of this part (e.g.
    • ⤷ Mitsubishi
    • ⤷ FANUC
    • ⤷ or Omron)?
    • ⤷ Could you provide the pinout diagram for the terminal blocks?
    • ⤷ How do I configure the DIP switches for communication baud rates?