Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-R-BD-R

  • AI
    The **M2RTS-R-BD-R** is a specific model within the **M2RTS series**, typically manufactured by companies like **MinebeaMitsumi** (under the Mitsumi brand). This series generally refers to high-precision, small-form-factor mechanical and electronic components, often utilized in automotive, industrial, or optical sensing applications. Based on the part number nomenclature, here is the breakdown of the electronic and mechanical characteristics: ### 1. Component Overview The M2RTS is a **Magnetic Rotary Sensor** (or encoder) often used for detecting position, speed, and direction. It integrates a Hall Effect sensor with a magnetic circuit. | Feature | Description | | :--- | :--- | | **Component Type** | Magnetic Encoder / Rotary Sensor | | **Technology** | Hall Effect sensing | | **Output Type** | Incremental (A/B Phase) or Analog (depending on specific R-BD variant) | | **Form Factor** | Compact, surface mount or integrated housing | --- ### 2. Key Electronic Specifications While specific datasheets can vary by revision, the "R-BD" suffix typically denotes specific electrical characteristics: * **Supply Voltage ($V_{cc}$):** Usually operates between **3.3V to 5.0V DC**. * **Current Consumption:** Low power design, typically **< 10mA** during operation. * **Resolution:** High-resolution output providing multiple pulses per revolution (PPR) via magnetic poles. * **Response Frequency:** Capable of handling high-speed rotations (up to several thousand RPM) with minimal signal lag. --- ### 3. Pinout & Connectivity Typical electronic integration for this part involves four to five primary connections: | Pin | Function | Description | | :--- | :--- | :--- | | **VCC** | Power Supply | Positive voltage input | | **GND** | Ground | Reference point | | **Phase A** | Output 1 | Square wave signal for position | | **Phase B** | Output 2 | Phase-shifted signal for direction | | **Z-Index** | Reference (Optional) | Once-per-revolution pulse | --- ### 4. Part Number Breakdown (Estimated) | Segment | Meaning | | :--- | :--- | | **M2RTS** | Series Name (Magnetic Rotary Target Sensor) | | **R** | Rotary Type | | **BD** | Circuit/Output Configuration (e.g., Differential or Binary) | | **-R** | RoHS Compliant / Tape and Reel Packaging | --- ### 5. Common Applications Due to the non-contact nature of the electronic parts inside, these sensors are highly durable: 1. **Automotive:** Steering angle detection, pedal position. 2. **Robotics:** Joint angle feedback for servo motors. 3. **Consumer Electronics:** High-end jog dials or volume wheels.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pulses per revolution (PPR) for the M2RTS-R series?
    • ⤷ Does this model support SPI or I2C digital interfaces?
    • ⤷ What are the temperature tolerances for the M2RTS-R-BD-R in automotive environments?