Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-R-BF-R/UL

  • AI
    The **M2RTS-R-BF-R/UL** is a specific model within the series of industrial-grade timers/relays, typically manufactured by companies like **Microchip/Atmel** or specialized industrial control brands (like **Crouzet** or **Finder** equivalents). Based on the nomenclature, this is a **Multifunction Industrial Relay**. ### 1. Technical Specifications Breakdown The model name contains coded information regarding its hardware and certifications: | Part Segment | Definition | Description | | :--- | :--- | :--- | | **M2RTS** | Series ID | Multifunction Relay/Timer Series (often DIN-rail mount). | | **R** | Output Type | Indicates **Relay** output (Electromechanical). | | **BF** | Functionality | Likely indicates **Base Function** or specific timing modes (On-delay/Off-delay). | | **R** | Reset Feature | Indicates a remote or manual **Reset** capability. | | **UL** | Certification | **Underwriters Laboratories** listed for safety and industrial standards. | --- ### 2. Core Electronic Components Inside an industrial relay of this type, the following electronic subsystems are present: #### A. Power Supply & Regulation To handle industrial voltages (usually 24V DC or 110-240V AC), the unit contains: * **Bridge Rectifier:** Converts AC input to DC for internal logic. * **Voltage Regulator:** Steps down voltage to 3.3V or 5V to power the timing IC. * **Varistors (MOV):** Protects the internal circuit from voltage spikes and surges. #### B. Control Logic (The "Brain") * **Microcontroller/ASIC:** A small integrated circuit handles the timing logic. When the input trigger is received, the MCU starts a countdown based on the potentiometer settings. * **Potentiometers:** Physical dials on the front face allow the user to adjust time delays (e.g., 0.1s to 100h). #### C. Output Stage * **Electromechanical Relay:** A physical coil and contact set. When the logic circuit triggers, it energizes the coil to flip the switch. * **Flyback Diode:** Placed across the relay coil to prevent back-EMF from damaging the transistors when the coil de-energizes. --- ### 3. Application Use Cases This part is generally used in automation panels for: 1. **Star-Delta Motor Starting:** Delaying the transition between motor phases. 2. **Conveyor Control:** Delaying the stop/start of belts to prevent jamming. 3. **Lighting Systems:** Timed shut-off for industrial warehouses. --- ### 4. Wiring Interface The device typically utilizes a **Terminal Block** interface: * **A1 / A2:** Power supply inputs. * **15 / 16 / 18:** Common, Normally Closed (NC), and Normally Open (NO) contacts. * **Y1 / B1:** Trigger or Reset inputs for external switches.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the relay contacts on this model?
    • ⤷ Does this model support both AC and DC input voltages?
    • ⤷ How do I configure the specific timing functions using the BF mode?