Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-R-CZ-R/N

  • AI
    The **M2RTS-R-CZ-R/N** is a specific model identifier typically associated with **M2 series industrial signal transducers** or temperature transmitters (often manufactured by companies like M-System). These devices are used to convert temperature signals from Resistance Temperature Detectors (RTD) into standard analog signals for PLCs or DCS systems. --- ### 1. Technical Specifications Overview The part number breakdown generally refers to the input type, output range, and power supply requirements. | Component | Specification | Description | | :--- | :--- | :--- | | **Input Type** | RTD | Typically Pt100, Pt500, or Pt1000 (2, 3, or 4-wire) | | **Output Type** | Analog | High-resolution DC current or voltage (e.g., 4-20mA or 1-5V) | | **Power Input** | AC or DC | Varies by sub-model (Commonly 100-240V AC or 24V DC) | | **Mounting** | DIN Rail | Standard 35mm industrial rail mounting | | **Accuracy** | ±0.1% | High precision for industrial process control | --- ### 2. Key Electronic Features * **Galvanic Isolation:** The device provides three-way isolation between **Input – Output – Power**. This prevents ground loops and protects sensitive PLC equipment from high-voltage surges on the sensor side. * **Linearization:** Since RTD resistance changes are not perfectly linear with temperature, the internal circuitry applies a linearization algorithm to ensure the output signal is proportional to the temperature. * **Burnout Protection:** It includes an "Upscale" or "Downscale" burnout function. If the RTD wire breaks, the electronics will force the output to a specific limit (e.g., 20mA+) to alert the control system of a sensor failure. * **Cold Junction Compensation:** (If applicable to thermocouple variants, though RTDs primarily focus on lead-wire resistance compensation). --- ### 3. Connection Pinout (Typical) *Please consult the specific manufacturer datasheet for exact wiring.* ```text [ Terminal Block ] 1 - 2 - 3 : RTD Input (A, B, b) 4 - 5 : Analog Output (+) and (-) 6 - 7 : Power Supply (L, N or + , -) ``` --- ### 4. Application Use Cases 1. **HVAC Systems:** Monitoring duct temperatures and converting them for a Building Management System (BMS). 2. **Chemical Processing:** Precise temperature monitoring of reactors where isolation is required to prevent interference. 3. **Food & Beverage:** Ensuring pasteurization temperatures are accurately transmitted to data loggers. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific power supply voltage required for the R/N variant?
    • ⤷ How do I calibrate the Zero and Span on this transducer?
    • ⤷ Does this model support 4-wire RTD configurations?