Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-R-DA-R2/UL

  • AI
    The **M2RTS-R-DA-R2/UL** is a high-precision, ultra-slim signal conditioner (transducer) manufactured by **M-System**. It is specifically designed to accept a resistance temperature detector (RTD) input and convert it into a standard DC output signal. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Type** | RTD (Resistance Temperature Detector) | | **Output Type** | DC Voltage or Current (Dual Output available) | | **Power Input** | 24V DC | | **Housing** | Ultra-slim (5.9 mm width) | | **Isolation** | 3-way isolation (Input to output to power) | | **Mounting** | DIN Rail | | **Certifications** | UL/cUL recognized, CE Marking | --- ### 2. Functional Components The "Electronic Parts" or sections of this device work together to ensure signal integrity: 1. **Input Conditioning Circuit:** This section provides a constant current excitation to the RTD sensor. It measures the voltage drop across the sensor, which varies with temperature. It includes **burnout protection** logic to detect if the sensor wire is broken. 2. **Microprocessor / Linearization:** Unlike basic analog transmitters, this unit uses digital processing to linearize the non-linear resistance curve of the RTD, ensuring high accuracy across the full temperature range. 3. **Galvanic Isolation:** High-quality optocouplers or transformers are used to provide **2000V AC isolation**. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges on the field side. 4. **Output Driver:** Converts the processed digital signal back into a stable analog format (e.g., 4-20mA or 0-10V) capable of driving long-distance loops. --- ### 3. Model Code Breakdown (Suffix Meanings) Understanding the specific alphanumeric suffix is critical for electronic compatibility: * **M2RTS:** Series name (RTD Transmitter, Ultra-Slim). * **-R:** Power input (Standard 24V DC). * **-DA:** Output Type (Often designates specific voltage/current combinations; 'A' typically refers to 4-20mA). * **-R2:** Specific hardware revision or secondary output configuration. * **-UL:** Indicates the internal components and housing meet Underwriters Laboratories safety standards for the US/Canada. --- ### 4. Typical Application Diagram ```mermaid graph LR A[RTD Sensor] -->|Resistance| B(M2RTS Transmitter) B -->|4-20mA DC| C[PLC / Controller] D[24V DC Power] --> B ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific RTD types supported by the M2RTS series (e.g.
    • ⤷ Pt100
    • ⤷ Cu10)?
    • ⤷ How do you calibrate or configure the zero/span on this ultra-slim model?
    • ⤷ What is the maximum load resistance for the 4-20mA output on this device?