Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-R-DA-RSLASHUL

  • AI
    The part number **M2RTS-R-DA-R/UL** refers to a high-quality, industrial-grade **Solid State Relay (SSR)** or a specialized **Thermal Overload Relay** (often associated with brands like Fuji Electric or similar industrial automation manufacturers). Below is a detailed breakdown of its electronic components and specifications. ### 1. Component Overview This device is designed for DIN rail mounting and is used primarily for motor protection or switching high-power loads without mechanical wear. | Attribute | Specification | | :--- | :--- | | **Component Type** | Solid State Relay / Thermal Relay Unit | | **Mounting Style** | DIN Rail / Surface Mount | | **Control Logic** | DC Control (Standard for -DA suffix) | | **Safety Certification** | UL (Underwriters Laboratories) Listed | | **Termination** | Screw Terminals | --- ### 2. Key Electronic Sections #### A. Input (Control Side) The "DA" designation typically signifies a **DC Input** control circuit. * **Optoisolator:** Internally, the input is separated from the output by an optical coupler to prevent high-voltage surges from damaging the PLC or controller. * **LED Indicator:** Usually features a built-in status LED to show when the control signal is active. #### B. Output (Power Side) The "R" suffix often denotes a **Resistive load** rating or a specific **Relay output** configuration. * **Switching Element:** Uses a TRIAC or pair of SCRs (Silicon Controlled Rectifiers) for AC switching. * **Snubber Circuit:** Contains an internal RC (Resistor-Capacitor) network to protect against $dv/dt$ (voltage spikes) when switching inductive loads like motors. #### C. Thermal Management As an industrial relay, it includes: * **Heat Sink Compatibility:** Designed to dissipate heat generated during high-current conduction. * **Flame Retardant Housing:** The `/UL` suffix confirms the plastic housing meets UL 94V-0 flammability standards. --- ### 3. Wiring Configuration Typical terminal assignments for this class of device: | Terminal | Function | Description | | :--- | :--- | :--- | | **A1 / A2** | Input Control | Low voltage DC signal (e.g., 4-32VDC) | | **L1 / T1** | Load Power | High voltage AC line and load connection | | **95 / 96** | NC Contact | (If Thermal Relay) Normally Closed trip contact | | **97 / 98** | NO Contact | (If Thermal Relay) Normally Open alarm contact | --- ### 4. Application Use Cases 1. **Motor Protection:** Detecting phase loss or overcurrent in industrial pumps. 2. **Heater Control:** Precise PID temperature control in plastic extrusion machines. 3. **Automation:** Interfacing low-power microcontroller outputs with high-power industrial machinery.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Amps) for this specific model?
    • ⤷ Does this relay support zero-cross switching for EMI reduction?
    • ⤷ What is the recommended heat sink for the M2RTS series?