Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-R-DF-M2

  • AI
    The **M2RTS-R-DF-M2** is a high-precision, industrial-grade RTD (Resistance Temperature Detector) transmitter module, typically manufactured by companies like **M-System**. It is designed to convert temperature signals from an RTD sensor into a standardized DC output signal. --- ### ## Technical Specifications Overview The electronic architecture of this device focuses on signal isolation, linear conversion, and noise rejection. | Component/Feature | Specification Details | | :--- | :--- | | **Input Type** | 2-wire, 3-wire, or 4-wire RTD (e.g., Pt100, Pt1000) | | **Output Type** | DC Current or Voltage (Configurable) | | **Power Input** | 24V DC or 100-240V AC (Model dependent) | | **Isolation** | 3-way isolation (Input, Output, Power) | | **Mounting** | DIN Rail Mounting | | **Response Time** | High-speed response (typically < 0.5 seconds) | --- ### ### Key Electronic Functionality #### 1. Signal Conditioning and Linearization RTD sensors have a non-linear resistance-to-temperature relationship. The internal circuitry of the M2RTS uses an **A/D Converter** and a **Microprocessor** to linearize the signal, ensuring the output is proportional to the temperature, not just the raw resistance. #### 2. Three-Way Isolation This is a critical electronic safety feature. The module provides electrical separation between: * **Input (Sensor):** Protects the CPU from field surges. * **Output (PLC/Controller):** Prevents ground loops from affecting readings. * **Power Supply:** Ensures noise from the power grid doesn't interfere with the signal. #### 3. Burnout Protection The electronic logic includes a "Burnout" feature. If the RTD wire breaks (open circuit), the transmitter will drive the output to a specific "Upper" or "Lower" limit (e.g., 20mA or 4mA) to notify the control system of a hardware failure. --- ### ### Wiring Configuration (M2 Series Standard) ```text [ Input Terminals ] [ Power/Output Terminals ] 1 - RTD (A) 11 - Output (+) 2 - RTD (B) 12 - Output (-) 3 - RTD (B/b) 13 - Power (L/+) 4 - RTD (b) 14 - Power (N/-) ``` --- ### ### Common Applications * **HVAC Systems:** Monitoring large-scale air handling units. * **Process Control:** Sending temperature data to PLCs or SCADA systems. * **Power Plants:** High-accuracy monitoring in noisy electrical environments.
    ✨ Follow-up Questions
    • ⤷ What are the specific configuration steps for the M2RTS-R-DF-M2 output ranges?
    • ⤷ How does 3-way isolation compare to 2-way isolation in industrial transmitters?
    • ⤷ Which RTD types (Pt100 vs Pt1000) are compatible with this specific model?