Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-R-DF-M2/

  • AI
    The **M2RTS-R-DF-M2** is a specialized electronic module, typically part of high-precision measurement systems or industrial instrumentation (often associated with brands like M-System or specific signal conditioners). Below is a breakdown of its electronic components and specifications based on the standard nomenclature for this series. --- ## 1. Component Identification This device is generally a **Resistance Thermometer (RTD) Transmitter**. It converts a temperature signal from a sensor into a standard industrial signal. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Input Signal** | RTD (e.g., Pt100, Pt50, JPt100) | | **Output Signal** | DC Current or Voltage (User specified/configurable) | | **Power Supply** | 100 – 240V AC or 24V DC (Model dependent) | | **Mounting** | DIN Rail or Plug-in Base | | **Isolation** | 3-way isolation (Input to Output to Power) | --- ## 2. Internal Electronic Parts & Architecture The "M2" series utilizes a specific architecture designed for signal integrity and long-term stability: ### A. Input Stage (Front-end) * **A/D Converter:** A high-resolution (often 16-bit or 24-bit) Delta-Sigma converter to digitize the low-voltage resistance signal from the RTD. * **Burnout Protection:** Integrated resistors and logic to detect sensor failure (open circuit). * **Lead-Wire Compensation:** Active circuitry to cancel out the resistance added by long sensor wires. ### B. Processing Unit * **Microprocessor/MCU:** Handles the linearization of the RTD curve. Since RTDs are not perfectly linear, the CPU uses a lookup table or polynomial calculation to ensure output accuracy. * **EEPROM:** Stores calibration data and user-configured ranges. ### C. Output Stage (Back-end) * **D/A Converter:** Converts the processed digital temperature data back into an analog signal. * **Operational Amplifiers (Op-Amps):** Used for signal scaling and driving the loop current (e.g., 4-20mA). --- ## 3. Decoding the Part Number (Suffixes) The suffix **R-DF-M2** provides specific details about the electronic configuration: 1. **R:** Typically indicates the input type (RTD). 2. **DF:** Refers to the output range configuration (e.g., Dual Output or a specific Voltage/Current range like 0-10V or 4-20mA). 3. **M2:** Refers to the physical form factor (the M2-series compact plug-in style). --- ## 4. Key Electronic Features * **Galvanic Isolation:** Uses optocouplers or magnetic transformers to prevent electrical noise from the power supply or ground loops from affecting the measurement. * **Cold Junction Compensation (CJC):** While more critical for thermocouples, in RTD transmitters, this involves high-precision reference resistors to ensure the bridge circuit remains balanced. * **Status Indicators:** Usually features a front-panel LED to indicate power status or sensor error (Burnout). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input sensor type for the M2RTS model?
    • ⤷ How do I calibrate the zero and span on this module?
    • ⤷ What are the power consumption specs for the M2 series?