Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-R-DG-R/UL

  • AI
    The **M2RTS-R-DG-R/UL** is a specific high-performance signal conditioner/transducer from the **M2 Series** manufactured by **M-System** (now part of MG CO., LTD). This device is primarily designed to convert signals from a Resistance Temperature Detector (RTD) into a standard industrial DC signal. --- ### 1. Component Identification The model number breakdown reveals the specific electronic characteristics: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2RTS** | Model Series | RTD Transmitter (Plug-in base) | | **-R** | Power Input | 24V DC | | **-DG** | Output Configuration | Output 1: 0 – 10V DC / Output 2: 4 – 20mA DC | | **-R/UL** | Options | Standard Response / UL/cUL certification | --- ### 2. Key Technical Specifications This device utilizes solid-state electronic components to provide high-precision signal processing and isolation. * **Input Section:** Specifically designed for RTD sensors (typically Pt100). It includes a linearization circuit to compensate for the non-linear relationship between temperature and resistance. * **Isolation:** Features 3-way isolation. This means the **Input**, **Output**, and **Power** circuits are electrically separated (typically up to 2000V AC), preventing ground loops and protecting sensitive PLC/DCS equipment. * **Accuracy:** Generally provides $\pm 0.1\%$ accuracy, driven by high-quality operational amplifiers and precise A/D converters. * **Construction:** Modular "plug-in" style. The electronic guts are housed in a removable module that plugs into a base socket (M2-series base), allowing for maintenance without disconnecting wires. --- ### 3. Electronic Functional Block Diagram Internally, the signal flows through several critical electronic stages: 1. **Excitation Circuit:** Supplies a constant, low-level current to the RTD to measure resistance without causing "self-heating" errors. 2. **Signal Conditioning:** An instrumentation amplifier scales the millivolt-level drop across the RTD. 3. **Linearizer:** Analog or digital circuitry that corrects the Pt100 curve. 4. **Isolation Transformer/Opto-coupler:** Bridges the signal across the isolation barrier. 5. **Output Driver:** Converts the processed signal into the final voltage (0-10V) and current (4-20mA) outputs. --- ### 4. Application Context The **UL** suffix indicates this part is recognized for safety standards in the US and Canada, making it suitable for: * HVAC temperature monitoring. * Chemical process control where ground potential differences are common. * Industrial boiler or furnace temperature feedback.
    ✨ Follow-up Questions
    • ⤷ How does 3-way isolation protect industrial control systems?
    • ⤷ What are the wiring differences between a 2-wire and 4-wire RTD for this module?
    • ⤷ Can the output signal range be recalibrated in the field?