Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-S-2B-R2

  • AI
    The **M2RTS-S-2B-R2** is a specific model of an **electromagnetic relay**, commonly used in industrial automation, security systems, and power management. Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ### 1. General Overview This component is a **Miniature Power Relay** designed for PCB (Printed Circuit Board) mounting. It acts as an electrically operated switch that allows a low-power signal to control a much higher power circuit. ### 2. Key Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Contact Form** | DPDT (2 Form C) | | **Contact Material** | Silver Alloy (AgNi or AgSnO2) | | **Coil Voltage** | Usually 12V DC or 24V DC (Model dependent) | | **Max Switching Current** | 5A to 8A | | **Max Switching Voltage** | 250V AC / 30V DC | | **Mounting Type** | Through-Hole PCB | | **Construction** | Sealed / Flux Protection | --- ### 3. Internal Electronic Parts The device consists of four primary internal sections: #### A. The Coil (Input Side) * **Copper Winding:** A fine enamel-coated copper wire wound around a core. * **Electromagnetism:** When current flows through the coil, it creates a magnetic field. * **Power Consumption:** Designed for high sensitivity to minimize energy draw from the control circuit. #### B. The Armature * **Movable Iron Piece:** A ferromagnetic plate that reacts to the magnetic field generated by the coil. * **Return Spring:** Ensures that when power is removed from the coil, the armature returns to its "Rest" (Normally Closed) position. #### C. The Contact System (Output Side) * **Stationary Contacts:** Fixed terminals (Normally Open and Normally Closed). * **Movable Contacts:** Attached to the armature. * **DPDT Logic:** "2B" in the part number often signifies two poles, meaning it can switch two independent circuits simultaneously. #### D. The Housing * **Insulation:** High-dielectric plastic shell that prevents arcing between the high-voltage load and the low-voltage control side. * **Resin Sealing:** The "R2" suffix often refers to the environmental protection rating (wash-tight or flux-proof). --- ### 4. Circuit Diagram Representation In an electronic schematic, the M2RTS-S-2B-R2 is represented by a coil symbol and two sets of switch symbols: ```text Control Circuit Load Circuit 1 Load Circuit 2 (Low Power) (High Power) (High Power) | | | [---Coil---] --------> [ Common Pin ] [ Common Pin ] / \ / \ NC NO NC NO ``` --- ### 5. Application Usage * **Industrial PLC Interfacing:** Allowing a PLC output to drive a motor or heater. * **Home Automation:** Controlling lighting circuits from a microcontroller (like an ESP32 or Arduino). * **Safety Interlocks:** Physical isolation between control logic and high-voltage mains.
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for the R2 variant?
    • ⤷ Can this relay be used for switching inductive loads like motors?
    • ⤷ What are the footprint dimensions for PCB layout?