Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-S-3F-R

  • AI
    The **M2RTS-S-3F-R** is a specific model of an electronic component, typically classified as a **Tactile Switch** or a micro-miniature push-button switch. These components are widely used in consumer electronics, automotive interfaces, and industrial controls. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic and physical characteristics: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Tactile Switch (Momentary) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Circuit** | SPST (Single Pole Single Throw) | | **Switch Function** | Off-Mom (Normally Open) | | **Contact Rating** | 50mA @ 12VDC | | **Operating Force** | 160gf to 260gf (Model dependent) | | **Termination Style** | Gull Wing (R-Type) | --- ### 2. Breakdown of the Model Number The part number identifies specific physical and electrical traits: * **M2RTS**: Series designation (Micro-Miniature Right-Angle Tactile Switch). * **S**: Refers to the "Surface Mount" mounting style. * **3F**: Often indicates the physical dimensions of the actuator (height/length) or the specific force required to actuate. * **R**: Generally signifies "Tape and Reel" packaging, used for automated pick-and-place assembly. --- ### 3. Electronic Architecture The internal structure of the M2RTS-S-3F-R is designed for low-power signal switching rather than high-power loads. * **Contact Material**: Usually silver-plated or gold-plated brass/copper. Silver provides excellent conductivity for low-voltage signals. * **Tactile Feedback**: The switch utilizes a metal snap-dome. When pressed, the dome collapses to bridge the contacts, providing a "click" feel to the user. * **Debouncing Necessity**: Like all mechanical switches, this part will experience "contact bounce." In digital circuits (like those using microcontrollers), a software or hardware debounce filter is required to prevent multiple trigger events from a single press. --- ### 4. Typical Applications | Industry | Use Case | | :--- | :--- | | **Consumer Electronics** | Power buttons on cameras, volume controls on tablets. | | **Automotive** | Dashboard buttons, key fobs, steering wheel controls. | | **Medical Devices** | Interface buttons on portable monitoring equipment. | | **Computing** | Reset switches on motherboards or peripheral buttons. | ---
    ✨ Follow-up Questions
    • ⤷ What is the footprint size (dimensions) of the M2RTS-S-3F-R?
    • ⤷ Does this switch require a specific soldering temperature profile for SMD assembly?
    • ⤷ How many cycles is the mechanical life expectancy of this specific model?