Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-S-4E-R2

  • AI
    ### Technical Overview: M2RTS-S-4E-R2 The **M2RTS-S-4E-R2** is a specific model within the M2 series of remote terminal units or signal converters, typically manufactured by **M-System**. This device is a compact, plug-in type signal conditioner designed to convert RTD (Resistance Temperature Detector) inputs into standard DC output signals. --- ### 1. Component Specifications Below is a breakdown of the electronic and technical characteristics: | Feature | Specification | | :--- | :--- | | **Input Signal** | RTD (typically Pt100, JPt100, etc.) | | **Output Signal** | 4 to 20 mA DC | | **Power Input** | 100 – 240V AC (Standard R2 configuration) | | **Mounting** | Surface or DIN rail mounting | | **Connection** | M3 screw terminals | | **Isolation** | Input to output to power | --- ### 2. Electronic Architecture The device consists of several key functional blocks: * **Input Stage:** Features a constant current source to excite the RTD. It includes lead-wire resistance compensation to ensure accuracy over long distances. * **Signal Conditioning:** Utilizes an amplifier and linearization circuit to convert the non-linear resistance change of the RTD into a linear voltage/current signal. * **Isolation Barrier:** Uses optical or magnetic coupling to provide galvanic isolation (usually up to 2000V AC), protecting sensitive control equipment from field-side surges. * **Power Supply Module:** An internal switching regulator that converts the AC line voltage into stabilized DC voltages for internal electronics. --- ### 3. Model Code Breakdown The suffixing in the part number indicates specific electronic configurations: 1. **M2RTS:** Base model series (RTD Transmitter). 2. **S:** Direct Current Output (Standard). 3. **4E:** Specific Input/Output range (e.g., 4 = Pt 100 input; E = 4-20mA output). 4. **R2:** Power supply code (R2 typically denotes 100-240V AC universal power). --- ### 4. Implementation Example When integrating this part into a control system, the wiring logic is as follows: ```mermaid graph LR A[RTD Sensor] -->|3-Wire| B(M2RTS-S-4E-R2) B -->|4-20mA Loop| C[PLC / DCS Input] D[100-240V AC] -->|Power| B ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific temperature range limits for the Pt100 input on this model?
    • ⤷ How do I perform a zero and span adjustment on the M2RTS?
    • ⤷ What is the maximum load resistance supported by the 4-20mA output?