Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-S-AB-R2

  • AI
    The **M2RTS-S-AB-R2** is a specialized electronic component, typically classified as a **Platinum Resistance Thermometer (RTD) Transmitter** or a dedicated signal conditioner, often used in industrial automation for temperature monitoring. --- ### 1. Component Overview This part is designed to convert temperature readings from a sensor (like a Pt100) into a standard industrial signal (like 4-20mA or 0-10V). | Feature | Specification Details | | :--- | :--- | | **Type** | RTD Transmitter / Signal Conditioner | | **Input Type** | RTD (usually Pt100, Pt1000, or similar) | | **Output Range** | Analog (e.g., 4 to 20 mA DC or 0 to 10V DC) | | **Mounting** | DIN Rail or Plug-in Base | | **Configuration** | Field-configurable or Factory-set | --- ### 2. Key Electronic Characteristics The device utilizes several internal stages to process the thermal signal: * **Linearization circuitry:** RTD sensors are slightly non-linear. The M2RTS contains active circuitry to ensure the output is strictly proportional to the temperature. * **Isolation:** Usually features galvanic isolation (Input to Output to Power) to prevent ground loops and protect PLC/DCS inputs from electrical surges. * **Burnout Protection:** Includes an "Upscale" or "Downscale" burnout function. If the sensor wire breaks, the transmitter forces the output to a specific level to trigger an alarm. * **Power Supply:** Generally operates on a wide range of DC power (e.g., 24V DC). --- ### 3. Pinout & Connectivity Typically, these units follow a standardized wiring schematic: | Pin/Terminal | Function | Description | | :--- | :--- | :--- | | **Input (+ / -)** | Sensor Terminals | Connects to the 2, 3, or 4-wire RTD probe. | | **Output (+ / -)** | Signal Loop | Sends the conditioned signal to the controller. | | **Power (L+ / N-)** | Auxiliary Power | Provides energy to the internal electronics. | --- ### 4. Application Context The "AB" and "R2" suffixes in these part numbers often denote specific factory calibrations: * **AB:** Often refers to a specific temperature range (e.g., 0°C to 100°C). * **R2:** Typically indicates the revision or the specific power supply requirement (e.g., 24V DC).
    ✨ Follow-up Questions
    • ⤷ What is the specific temperature range for the 'AB' configuration?
    • ⤷ Does this model support 3-wire or 4-wire RTD connections?
    • ⤷ What is the isolation voltage rating for the M2RTS series?