Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-S-BE-R2

  • AI
    The **M2RTS-S-BE-R2** is a specific electronic component belonging to the **M2 Series** of signal conditioners manufactured by **M-System**. It is a **Thermocouple Transmitter** designed to convert millivolt signals from thermocouples into a standard 4–20mA DC output. --- ### 1. Model Breakdown (Nomenclature) Understanding the alphanumeric code helps identify the specific features of this unit: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2RTS** | Model Name | Thermocouple Transmitter (Plug-in) | | **-S** | Input Type | Thermocouple (Selectable) | | **-BE** | Output Type | 4 – 20 mA DC (Current output) | | **-R2** | Power Input | 11 – 27 V DC (Operational range) | --- ### 2. Key Electronic Specifications The internal electronics are engineered for precision and industrial reliability. * **Input Impedance:** High impedance (min. 1 MΩ) to prevent loading effects on the thermocouple wire. * **Response Time:** Typically $\leq 0.5$ seconds (0 – 90%). * **Accuracy:** $\pm 0.1\%$ of span (depending on the thermocouple type and temperature range). * **Burnout Protection:** Upscale burnout is standard (the output goes to >20mA if the thermocouple wire breaks). * **Isolation:** 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges. --- ### 3. Connection Diagram (General) The unit uses a base socket (typically 11-pin or 8-pin depending on the specific series version) for easy "plug-and-play" maintenance. ```text Terminal | Function -------------------------- 1 | Output (+) 2 | Output (-) 4 | Input (+) Thermocouple 5 | Input (-) Thermocouple 7 | Power (+) 24V DC 8 | Power (-) 0V DC ``` --- ### 4. Application Use Case This part is commonly used in industrial automation to: 1. **Standardize Signals:** Convert non-linear millivolt signals from a temperature probe into a linear 4-20mA signal that can travel long distances without interference. 2. **Galvanic Isolation:** Protect the control system from electrical noise generated by heaters or industrial motors. 3. **Cold Junction Compensation (CJC):** The electronics include a built-in sensor to compensate for the temperature at the terminal block, ensuring measurement accuracy. ---
    ✨ Follow-up Questions
    • ⤷What are the specific thermocouple types supported by the M2RTS-S series?
    • ⤷ How do I calibrate the zero and span settings on this transmitter?
    • ⤷ Does this model support HART communication protocol?