Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2RTS-S-DF-R2/Q

  • AI
    The **M2RTS-S-DF-R2/Q** is a specific model within a series of **Resistance Temperature Detectors (RTD) Transmitters** or signal conditioners, typically manufactured by companies like **M-System** (now MG CO., LTD). These devices are used in industrial automation to convert signals from temperature sensors into standardized analog outputs. --- ## 1. Component Breakdown & Function This electronic part serves as a bridge between a physical sensor (RTD) and a control system (PLC/DCS). | Feature | Description | | :--- | :--- | | **Input Type** | Pt 100 or other RTD sensors (3-wire or 4-wire configurations). | | **Output Type** | Standardized DC signals (e.g., 4–20mA or 1–5V DC). | | **Isolation** | Three-way isolation (Input to Output to Power). | | **Mounting** | DIN rail mounting for industrial control panels. | --- ## 2. Technical Specifications Based on the standard nomenclature for this series, here are the electronic characteristics: ### A. Electrical Characteristics * **Power Input:** Usually 24V DC, 110V AC, or 220V AC (depending on the specific suffix). * **Accuracy:** Typically ±0.1% of span. * **Response Time:** Fast response, usually $\leq$ 0.5 seconds for a 0–90% change. * **Burnout Protection:** Upscale or downscale protection if the sensor wire breaks. ### B. Pinout & Connectivity 1. **Input Terminals:** Connect to the RTD element. It uses a constant current circuit to measure resistance changes. 2. **Output Terminals:** Provides the conditioned linear signal. 3. **Power Terminals:** Provides energy to the internal operational amplifiers and isolation circuitry. --- ## 3. The "/Q" Suffix Meaning In industrial electronics, particularly with M-System products, the **"/Q"** suffix indicates a **Special Specification** or a **Quality requirement**. This often means: * **Custom Calibration:** Pre-set to a specific temperature range (e.g., 0°C to 500°C) instead of the factory default. * **Coating:** The internal PCB may have a conformal coating for protection against humidity or dust. * **Specific Tags:** Identification tags requested by the end-user. --- ## 4. Typical Internal Block Diagram The internal electronics consist of the following stages: ```mermaid graph LR A[RTD Input] --> B[Linearization Circuit] B --> C[Isolation Transformer/Optocoupler] C --> D[Amplification Stage] D --> E[DC Output] F[Power Supply] --> C ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific temperature range configured for the /Q version?
    • ⤷ How does 3-way isolation protect the PLC/DCS?
    • ⤷ What are the wiring differences between a 2-wire and 3-wire RTD for this module?